Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGCT03 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MGCT03
Description  Transmit Circuit for TDMA/AMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MGCT03 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MGCT03 Datasheet HTML 1Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 2Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 3Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 4Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 5Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 6Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 7Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 8Page - Zarlink Semiconductor Inc MGCT03 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MGCT03
3
Electrical Characteristics
Test conditions (unless otherwise stated): Tamb = -30°C to +70°C, VCC = 2·7V to 3·6V. UHF LO level = -15dBm
(both bands), I, Q input = 1.4 volts p.p, test frequency = 849MHz (900 output) and 1910MHz (1900
output).These characteristics are guaranteed by either production test or design. They apply within the
specified ambient temperature and supply voltage ranges unless otherwise stated.
Characteristics
Value
Units
Conditions
Min.
Typ.
Max.
Supply current
Sleep current
Standby mode supply current
Total supply current
Standby to operating mode
switching time
Logic inputs
Logic high voltage
Logic low voltage
VCC -0.6
0
8
118
75
10
152
10
VCC
0·8
µA
mA
mA
µs
V
V
All circuits off
See Tables 4 and 5
Maximum power PCS mode
Table 2 - DC Characteristics
Characteristics
Value
Units
Conditions
Min.
Typ.
Max.
I and Q modulator
I and Q input voltage level
1.0
1.4
2.0
Vpp
Differential
I and Q common mode voltage
1.2
V
I and Q differential input
resistance
13.5
k
Ω
I and Q input bandwidth
2.5
MHz
IF Vector offset
30
dB
SSB rejection
30
dB
VHF oscillator input and divider
Input drive level
22
40
70
mVrms
From external VHF osc. via
matching network
VHF oscillator bias voltage
1.2
V
Variable gain amplifiers
IF amp. operating frequency range
50
200
MHz
RF amp. operating frequency
range
750
2000
MHz
Gain control range
60
dB
Control voltage for minimum gain
0.1
V
Control voltage for maximum gain
2.6
V
AGC control voltage slope
33
60
dB/V
Table 3 - AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com