Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXB5210 Datasheet(PDF) 7 Page - Sony Corporation

Part # GXB5210
Description  Antenna Embedded GPS Receiver Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB5210 Datasheet(HTML) 7 Page - Sony Corporation

Back Button GXB5210 Datasheet HTML 3Page - Sony Corporation GXB5210 Datasheet HTML 4Page - Sony Corporation GXB5210 Datasheet HTML 5Page - Sony Corporation GXB5210 Datasheet HTML 6Page - Sony Corporation GXB5210 Datasheet HTML 7Page - Sony Corporation GXB5210 Datasheet HTML 8Page - Sony Corporation GXB5210 Datasheet HTML 9Page - Sony Corporation GXB5210 Datasheet HTML 10Page - Sony Corporation GXB5210 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
GXB5210
- 7 -
Initialization
The GXB5210 has a reset pin (Pin 6) and normally this pin should be left open. The GXB5210 can perform the
power-on reset operation only by turning on or off the power supply pin (Pin 8). In addition, when configuring
the component in order to realize the reset from the system side during operation, connect the reset pin to the
external circuit. The following setting enables the reset.
1. When turning the power on (Power-on reset)
When applying the power supply to the power supply pin (Pin 8), set the reset pin (Pin 6) Low in advance, and
set it High 100ms after power-on.
2. Initialization during operation
When performing the reset while the reset pin (Pin 6) is High, keep it Low for 100
μs or more before setting High.
NMEA Message Output Timing
NMEA messages are output within 1s after the 1PPS pulse.
VDD
VDD [V]
GND
RST (Pin 6)
VDD (Pin 8)
VDD/2
100ms or more
VDD
GND
VDD/2
100µs or more
VDD [V]
RST (Pin 6)
VDD (Pin 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com