Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES6425FF Datasheet(PDF) 7 Page - ESS Technology,Inc

Part # ES6425FF
Description  Digital Media Processor 2 Product Brief
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6425FF Datasheet(HTML) 7 Page - ESS Technology,Inc

  ES6425FF Datasheet HTML 1Page - ESS Technology,Inc ES6425FF Datasheet HTML 2Page - ESS Technology,Inc ES6425FF Datasheet HTML 3Page - ESS Technology,Inc ES6425FF Datasheet HTML 4Page - ESS Technology,Inc ES6425FF Datasheet HTML 5Page - ESS Technology,Inc ES6425FF Datasheet HTML 6Page - ESS Technology,Inc ES6425FF Datasheet HTML 7Page - ESS Technology,Inc ES6425FF Datasheet HTML 8Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ESS Technology, Inc.
SAM0529-091305
7
ES6425 PRODUCT BRIEF
ES6425 PIN DESCRIPTION
HRRQ#
143
O
Host read request (active-low).
AUX4[0]
I/O
Aux4 data I/O 0; (5V tolerant input).
CAMIN2
I
Camera and YUV input 2.
HIRQ
144
O
Host interrupt.
AUX4[7]
I/O
Aux4 data I/O 7; (5V tolerant input).
HRST#
145
O
Host reset (active-low).
AUX3[5]
I/O
Aux3 data I/O 5; (5V tolerant input).
HIORDY
146
I
Host I/O ready.
AUX3[3]
I/O
Aux3 data I/O 3; (5V tolerant input).
HWR#
149
O
Host write (active-low).
AUX4[5]
I/O
Aux4 data I/O 5; (5V tolerant input).
HRD#
150
O
Host read (active-low).
AUX4[6]
I/O
Aux4 data I/O 6; (5V tolerant input).
HIOCS16#
151
I
Device 16 bit data transfer (active-low).
AUX3[4]
I/O
Aux3 data I/O 4; (5V tolerant input).
CAMCLK
I
Camera and YUV port pixel clock.
HCS1FX#
152
O
Host select 1 (active-low).
AUX3[7]
I/O
Aux3 data I/O 7; (5V tolerant input).
HCS3FX#
153
O
Host select 3 (active-low).
AUX3[6]
I/O
Aux3 data I/O 6; (5V tolerant input).
HA[2:0]
154, 155, 158
I/O
Host address bus.
AUX4[4:2]
I/O
Aux4 data I/Os 2, 3, and 4; (5V tolerant input).
AUX0
160
I/O
Auxiliary port 0 (open collector); (5V tolerant input).
I2CDATA
I/O
I2C data I/O; (5V tolerant input).
AUX1
161
I/O
Auxiliary port 1 (open collector); (5V tolerant input).
I2C_CLK
I/O
I2C clock I/O; (5V tolerant input).
IOW#
162
O
I/O write strobe (LCS1) (active-low).
AUX2
I/O
Auxiliary port 2; (5V tolerant input).
IOR#
165
O
I/O read strobe (LCS1) (active-low).
AUX3
I/O
Auxiliary port 3; (5V tolerant input).
AUX4-7
166-169
I/O
Auxiliary ports 4-7; (5V tolerant input).
LOE#
170
O
RISC port output enable (active-low).
LCS0#
173
O
RISC port chip select 0 (active-low).
PIXOUT_CLK
O
CCIR656 output pixel clock.
LCS[3:1]#
174-176
O
RISC port chip select [3:1] (active-low).
LD[15:0]
178-182, 185-191,
194-197
I/O
RISC port data bus; (5V tolerant input).
LWRLL#
198
O
RISC port low-byte write enable (active-low).
LWRHL#
199
O
RISC port high-byte write enable (active-low).
CAMIN0
202
I
Camera and YUV input 0.
CAMIN1
203
I
Camera and YUV input 1.
Table 1
ES6425 Pin Description (Continued)
Name
Pin Numbers
I/O
Definition



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com