Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21531DSPBF.. Datasheet(PDF) 11 Page - International Rectifier

Part # IRS21531DSPBF..
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21531DSPBF.. Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS21531DSPBF.. Datasheet HTML 6Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 7Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 8Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 9Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 10Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 11Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 12Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 13Page - International Rectifier IRS21531DSPBF.. Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
IRS2153(1)D
0
50
100
150
200
250
300
-25
0
25
50
75
100
125
Temperature(C)
IsourceHO,IsinkHO vs Temp
IsourceHO
IsinkHO
0
50
100
150
200
250
300
-25
0
25
50
75
100
125
Temperature(C)
IsourceLO,IsinkLO vs Temp
IsourceLO
Isink
LO
Fig. 9
Fig. 10
0
10
20
30
40
50
60
70
80
-25
0
25
50
75
100
125
Temperature(C)
IBCAP, IBS10V vs TEMP
IB_CAP
IBS_10V
VOH_HO vs. Frequency
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
400
Frequency (kHz)
With External BS diode
No external BS diode
T=25°C, VS=0V, CHO = 1nF
Fig. 11
Fig. 12
VOH_HO vs . Fr e que ncy vs . Te m p
VCC=14V, CHO=1nF, VS=0V
0
2
4
6
8
10
12
14
1.
46K
hz
20
K
50
K
75
K
10
0K
12
5K
15
0K
20
0K
Fr e que ncy (k Hz)
T=-25c
T=25c
T=75c
T=125c
Fig. 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com