Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6467 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467
Description  Digital Media System-on-Chip
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM6467 Datasheet HTML 17Page - Texas Instruments TMS320DM6467 Datasheet HTML 18Page - Texas Instruments TMS320DM6467 Datasheet HTML 19Page - Texas Instruments TMS320DM6467 Datasheet HTML 20Page - Texas Instruments TMS320DM6467 Datasheet HTML 21Page - Texas Instruments TMS320DM6467 Datasheet HTML 22Page - Texas Instruments TMS320DM6467 Datasheet HTML 23Page - Texas Instruments TMS320DM6467 Datasheet HTML 24Page - Texas Instruments TMS320DM6467 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 334 page
background image
www.ti.com
TMS320DM6467
Digital Media System-on-Chip
SPRS403 – DECEMBER 2007
Table 2-4. Configuration Memory Map Summary
MASTER PERIPHERAL
START
END
SIZE
ACCESSIBILITY
ARM/EDMA
C64x+
ADDRESS
ADDRESS
(Bytes)
HPI
PCI
VLYNQ
0x0180 0000
0x0180 FFFF
64K
C64x+ Interrupt Controller
0x0181 0000
0x0181 0FFF
4K
C64x+ Powerdown Controller
0x0181 1000
0x0181 1FFF
4K
C64x+ Security ID
0x0181 2000
0x0181 2FFF
4K
C64x+ Revision ID
Reserved
0x0182 0000
0x0182 FFFF
64K
C64x+ EMC
0x0183 0000
0x0183 FFFF
64K
Reserved
0x0184 0000
0x0184 FFFF
64K
C64x+ Memory System
0x0185 0000
0x01BB FFFF
3520K
Reserved
0x01BC 0000
0x01BC 00FF
256
0x01BC 0100
0x01BC 01FF
256
ARM ETB Memory
0x01BC 0200
0x01BC 0FFF
3.5K
Reserved
0x01BC 1000
0x01BC 17FF
2K
ARM ETB Registers
0x01BC 1800
0x01BC 18FF
256
ARM Ice Crusher
0x01BC 1900
0x01BF FFFF
255744
Reserved
0x01C0 0000
0x01C0 FFFF
64K
EDMA CC
EDMA CC
0x01C1 0000
0x01C1 03FF
1K
EDMA TC0
EDMA TC0
0x01C1 0400
0x01C1 07FF
1K
EDMA TC1
EDMA TC1
0x01C1 0800
0x01C1 0BFF
1K
EDMA TC2
EDMA TC2
0x01C1 0C00
0x01C1 0FFF
1K
EDMA TC3
EDMA TC3
0x01C1 1000
0x01C1 1FFF
4K
Reserved
Reserved
0x01C1 2000
0x01C1 23FF
1K
Video Port
0x01C1 2400
0x01C1 27FF
1K
Reserved
Reserved
0x01C1 2800
0x01C1 2FFF
2K
VDCE
0x01C1 3000
0x01C1 33FF
1K
TSIF0
0x01C1 3400
0x01C1 37FF
1K
TSIF1
0x01C1 3800
0x01C1 9FFF
26K
Reserved
Reserved
0x01C1 A000
0x01C1 A7FF
2K
PCI Control Registers
0x01C1 A800
0x01C1 FFFF
22K
Reserved
Reserved
0x01C2 0000
0x01C2 03FF
1K
UART0
ü
ü
ü
0x01C2 0400
0x01C2 07FF
1K
UART1
ü
ü
ü
0x01C2 0800
0x01C2 0BFF
1K
UART2
ü
ü
ü
0x01C2 0C00
0x01C2 0FFF
1K
Reserved
Reserved
ü
ü
ü
0x01C2 1000
0x01C2 13FF
1K
I2C
ü
ü
ü
0x01C2 1400
0x01C2 17FF
1K
Timer0
Timer0
ü
ü
ü
0x01C2 1800
0x01C2 1BFF
1K
Timer1
Timer1
ü
ü
ü
0x01C2 1C00
0x01C2 1FFF
1K
Timer2 (Watchdog)
Timer2 (Watchdog)
ü
ü
ü
0x01C2 2000
0x01C2 23FF
1K
PWM0
ü
ü
ü
0x01C2 2400
0x01C2 27FF
1K
PWM1
ü
ü
ü
0x01C2 2800
0x01C2 5FFF
14K
Reserved
Reserved
ü
ü
ü
0x01C2 6000
0x01C2 63FF
1K
CRGEN0
ü
ü
ü
0x01C2 6400
0x01C2 67FF
1K
CRGEN1
ü
ü
ü
0x01C2 6800
0x01C3 FFFF
102K
Reserved
Reserved
ü
ü
ü
0x01C4 0000
0x01C4 07FF
2K
System Module
System Module
ü
ü
ü
0x01C4 0800
0x01C4 0BFF
1K
PLL Controller 1
PLL Controller 1
ü
ü
ü
0x01C4 0C00
0x01C4 0FFF
1K
PLL Controller 2
PLL Controller 2
ü
ü
ü
0x01C4 1000
0x01C4 1FFF
4K
Power and Sleep Controller
Power and Sleep Controller
ü
ü
ü
0x01C4 2000
0x01C4 7FFF
24K
Reserved
Reserved
ü
ü
ü
0x01C4 8000
0x01C4 83FF
1K
ARM Interrupt Controller
Reserved
ü
ü
ü
0x01C4 8400
0x01C6 3FFF
111K
Reserved
Reserved
ü
ü
ü
Submit Documentation Feedback
Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com