Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5015 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # CF5015
Description  2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5015 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button CF5015 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CF5015 series
SEIKO NPC CORPORATION —6
Switching Characteristics
2.5V operation (CF5015AL
×/CF5015BL×)
VDD = 2.25 to 2.75V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
3V operation (CF5015BL
×)
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 1,
0.1VDD to 0.9VDD
CL = 15pF
3
6
ns
tr2
CL = 30pF
5
10
Output fall time
tf1
Measurement cct 3, load cct 1,
0.9VDD to 0.1VDD
CL = 15pF
3
6
ns
tf2
CL = 30pF
5
10
Output duty cycle*1
*1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty1
Measurement cct 3, load cct 1,
VDD = 2.5V, Ta = 25°C
CL = 15pF
f = 60MHz
45–55
%
Duty2
CL = 30pF
f = 50MHz
45–55
%
Output disable delay time*2
*2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 2.5V, Ta = 25°C,
CL = 15pF
100
ns
Output enable delay time*2
tPZL
100
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 1,
0.1VDD to 0.9VDD
CL = 15pF
2.5
5
ns
tr2
CL = 30pF
4
8
Output fall time
tf1
Measurement cct 3, load cct 1,
0.9VDD to 0.1VDD
CL = 15pF
2.5
5
ns
tf2
CL = 30pF
4
8
Output duty cycle*1
*1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty1
Measurement cct 3, load cct 1,
VDD = 3.0V, Ta = 25°C
CL = 15pF
f = 60MHz
45–55
%
Duty2
CL = 30pF
f = 50MHz
45–55
%
Output disable delay time*2
*2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 15pF
100
ns
Output enable delay time*2
tPZL
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com