Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-F4030 Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASPI-F4030
Description  Molded SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-F4030 Datasheet(HTML) 4 Page - Abracon Corporation

  ASPI-F4030 Datasheet HTML 1Page - Abracon Corporation ASPI-F4030 Datasheet HTML 2Page - Abracon Corporation ASPI-F4030 Datasheet HTML 3Page - Abracon Corporation ASPI-F4030 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISION: A 06-20-24
For terms and conditions of sales, please visit:
www.abracon.com
Molded SMD Power Inductor
ASPI-F4030
4.1 x 4.1 x 2.8mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Tape & Reel: 2000 pcs/reel
Dimensions: mm
A0
B0
K0
P0
P1
P2
W
T
D0
F
E1
4.4
4.4
3.30
4.00
8.00
2.0
12.00
0.3
1.50
5.5
1.75
A
C
G
N
T
330.0 ± 2.0
13.0±0.5
12.4±1.0
100.0 ± 1.0
18.4 Max
ATTENTION: Abracon LLC’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products
are not specifically designed for Military, Aviation, Aerospace, Life-dependent Medical applications or any application requiring high reliability where component failure could result in loss of life
and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon LLC is required. Please contact
Abracon LLC for more information.
Packaging



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com