Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD400CUX170C2S Datasheet(PDF) 4 Page - StarPower Europe AG

Part # GD400CUX170C2S
Description  1700V/400A chopper in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD400CUX170C2S Datasheet(HTML) 4 Page - StarPower Europe AG

  GD400CUX170C2S Datasheet HTML 1Page - StarPower Europe AG GD400CUX170C2S Datasheet HTML 2Page - StarPower Europe AG GD400CUX170C2S Datasheet HTML 3Page - StarPower Europe AG GD400CUX170C2S Datasheet HTML 4Page - StarPower Europe AG GD400CUX170C2S Datasheet HTML 5Page - StarPower Europe AG GD400CUX170C2S Datasheet HTML 6Page - StarPower Europe AG GD400CUX170C2S Datasheet HTML 7Page - StarPower Europe AG GD400CUX170C2S Datasheet HTML 8Page - StarPower Europe AG GD400CUX170C2S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GD400CUX170C2S
IGBT Module
©2021 STARPOWER Semiconductor Ltd.
3/28/2021
4/9
preliminary
Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=400A,VGE=0V,Tj=25
oC
1.80
2.25
V
IF=400A,VGE=0V,Tj=125
oC
1.90
IF=400A,VGE=0V,Tj=150
oC
1.95
Qr
Recovered Charge
VR=900V,IF=400A,
-di/dt=8800A/μs,VGE=-15V
Tj=25
oC
116
μC
IRM
Peak Reverse
Recovery Current
666
A
Erec
Reverse Recovery
Energy
63.8
mJ
Qr
Recovered Charge
VR=900V,IF=400A,
-di/dt=8800A/μs,VGE=-15V
Tj=125
oC
187
μC
IRM
Peak Reverse
Recovery Current
662
A
Erec
Reverse Recovery
Energy
114
mJ
Qr
Recovered Charge
VR=900V,IF=400A,
-di/dt=8800A/μs,VGE=-15V
Tj=150
oC
209
μC
IRM
Peak Reverse
Recovery Current
640
A
Erec
Reverse Recovery
Energy
132
mJ
Module Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
LCE
Stray Inductance
20
nH
RCC’+EE’
Module Lead Resistance, Terminal to Chip
0.35
mΩ
RthJC
Junction-to-Case (per IGBT)
Junction-to-Case (per Diode)
0.063
0.105
K/W
RthCH
Case-to-Heatsink (per IGBT)
Case-to-Heatsink (per Diode)
Case-to-Heatsink (per Module)
0.022
0.037
0.010
K/W
M
Terminal Connection Torque, Screw M6
Mounting Torque, Screw M6
2.5
3.0
5.0
5.0
N.m
G
Weight of Module
300
g



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com