Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5035 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5035
Description  1.8V, High-frequency Crystal Oscillator Module ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5035 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5035 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CF5035 series
SEIKO NPC CORPORATION —2
PAD LAYOUT
(Unit:
µm)
PIN DESCRIPTION and PAD DIMENSIONS
BLOCK DIAGRAM
Chip size: 1.08
× 1.32mm
Chip thickness: 300 ± 30µm
PAD size: 100µm
× 100µm (TEST: 80µm × 80µm)
Chip base: VSS potential
No.
Name
I/O
Description
Pad dimensions [µm]
XY
1
INHN
I
Output state control input. Oscillator stops when LOW.
Power-saving pull-up resistor built-in.
205
135
2
XIN
I
Oscillator input
Crystal connection pins.
Crystal is connected between XIN and XOUT.
461
135
3
XOUT
O
Oscillator output
734
135
4
VSS
(–) ground
945
135
5
Q
O
Output. Output frequency. High impedance in standby mode
945
1185
6
TEST
I
Test (leave open)
494
1195
7
VDD
(+) supply voltage
135
1185
(0,0)
(1080,1320)
X
Y
1
INHN
TEST
VSS
XIN XOUT
23
4
5
6
7
VDD
Q
XIN
INHN
XOUT
Q
CMOS
Rf
CIN
COUT
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com