Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

304C Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # 304C
Description  Percentage Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

304C Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  304C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 304C Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11
MODEL NUMBER
MODEL NUMBER
304E
RANGE
15 SEC @ 60 Hertz
004
(18 SEC @ 50 Hertz)
30 SEC @ 60 Hertz
006
(36 SEC @ 50 Hertz)
60 SEC @ 60 Hertz
007
(72 SEC @ 50 Hertz)
Special
000
VOLTAGE & FREQUENCY
120 VAC
A
240 VAC
B
Special
K
DIAL CALIBRATION
Standard 0 to 100% Dial
00
Special
99
FEATURES
Standard plug-in timer
P
Standard non-plug-in timer
X
STANDARD
X
Special
K
MODEL NUMBER
304C
RANGE
15 SEC @ 60 Hertz
004
(18 SEC @ 50 Hertz)
30 SEC @ 60 Hertz
006
(36 SEC @ 50 Hertz)
60 SEC @ 60 Hertz
007
(72 SEC @ 50 Hertz)
Special
000
VOLTAGE & FREQUENCY
120 VAC
A
240 VAC
B
Special
K
DIAL CALIBRATION
Standard 0 to 100% Dial
00
Special
99
FEATURES
Metal Dial
X
STANDARD UNIT/NON-PLUG-IN
X
Special
K
DIMENSIONS (INCHES/MILLIMETERS)
304E PLUG-IN
304E NON-PLUG-IN
304C NON-PLUG-IN
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com