Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5037E2 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5037E2
Description  2.5V LVDS Output Oscillator ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5037E2 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5037E2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5037E2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5037E2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5037E2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5037E2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5037E2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5037E2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5037E2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5037E2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CF5037 series
SEIKO NPC CORPORATION —1
2.5V LVDS Output Oscillator ICs
OVERVIEW
The CF5037 series are 2.5V operation, LVDS output oscillator ICs. They support 80MHz to 250MHz 3rd over-
tone oscillation and 80MHz to 700MHz fundamental oscillation. The CF5037 series can be used to construct
high-frequency LVDS output oscillators.
FEATURES
I
2.375 to 3.6V operating supply voltage range
I
Operating frequency range (varies with version)
• 80MHz to 700MHz fundamental oscillation
• 80MHz to 250MHz 3rd overtone oscillation
I
– 40 to 85
°C operating temperature range
I
LVDS output
I
Standby function
• Outputs are high impedance when OE is LOW.
(oscillator stops)
I
Power-saving pull-up resistor built-in (pin OE)
I
BiCMOS process
I
Chip form (CF5037
××)
SERIES CONFIGURATION
Note. These versions in parentheses ( ) are under development. Please ask our Sales & Marketing section for further detail.
ORDERING INFORMATION
Version
Oscillation mode
Recommended operating
frequency range*1 [MHz]
*1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentica-
tion. However, the oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal
characteristics and mounting conditions, so the oscillation characteristics of components must be carefully evaluated.
Output frequency
CF5037A1
Fundamental
or
3rd overtone
80 to 120
fO
CF5037B1
100 to 180
fO
CF5037B2*2
*2. Minimum output frequency: 80MHz
fO/2
CF5037C1
150 to 250
fO
CF5037C2
fO/2
CF5037D1
Fundamental
250 to 400
fO
(CF5037D2)
fO/2
(CF5037E1)
400 to 600
fO
(CF5037E2)
fO/2
(CF5037F1)
600 to 700
fO
(CF5037F2)
fO/2
(CF5037V1)
Oscillator constants determined
by external components
(Rf, CXIN, CXOUT)
80 to 400
fO
(CF5037V2)
fO/2
Device
Package
CF5037
××–1
Chip form


Similar Part No. - CF5037E2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AA NPC-CF5034AA Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AA-1 NPC-CF5034AA-1 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AB NPC-CF5034AB Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AB-1 NPC-CF5034AB-1 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
More results

Similar Description - CF5037E2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5036 NPC-CF5036 Datasheet
95Kb / 10P
2.5V LVPECL Output Oscillator ICs
logo
Fox Electronics
F4710 FOX-F4710 Datasheet
207Kb / 1P
LVDS 7x5mm 2.5V Oscillator
logo
EUROQUARTZ limited
EQXP-LC52 EUROQUARTZ-EQXP-LC52 Datasheet
165Kb / 1P
LVDS 5x3.2mm 2.5V OSCILLATOR
EQXP-LC72 EUROQUARTZ-EQXP-LC72 Datasheet
164Kb / 1P
LVDS 7x5mm 2.5V OSCILLATOR
logo
Nippon Precision Circui...
5036 NPC-5036 Datasheet
113Kb / 11P
2.5V LV-PECL Output Oscillator ICs
5037 NPC-5037 Datasheet
113Kb / 11P
2.5V LVDS Output Oscillator ICs
5087 NPC-5087 Datasheet
511Kb / 15P
LVDS Output Oscillator ICs
logo
Golledge Electronics Lt...
GXO-L31 GOLLEDGE-GXO-L31 Datasheet
147Kb / 2P
2.5V & 3.3V LVDS Oscillator
GXO-L72 GOLLEDGE-GXO-L72_16 Datasheet
197Kb / 2P
2.5V & 3.3V LVDS Oscillator
MCSO2LW GOLLEDGE-MCSO2LW Datasheet
556Kb / 4P
2.5V Low Jitter Oscillator with LVDS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com