Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5306AV Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5306AV
Description  Low Voltage, 3-channel Video Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5306AV Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

  SM5306AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM5306A
SEIKO NPC CORPORATION —6
TYPICAL APPLICATION CIRCUIT
Application Circuit 1 (standard connection)
Note. Capacitance does not restrict to this value.
Application Circuit 2 (capacitively-coupled display module connection)
I
Capacitor connections to the SM5306A output pins are not required.
I
Short circuit OUT
× pins to OFB× pins. In this mode, the sag compensation circuit does not function.
Note. Only output connection is shown.
Application Circuit 3 (input connection to next stage on same printed circuit board)
I
A gain of 0dB is suitable, since matching resistors are not required. In this case, it is recommended that a
1k
Ω resistor be connected to ground.
Note. Only output connection is shown.
IN1
IN2
GND3
GND1
GND2
IN3
OFB1
OFB2
OFB3
VCC3
OUT1
VCC2
OUT3
OUT2
CLAMP
VR
22
µF
75
Ω
+
75
Ω
22
µF
75
Ω
+
75
Ω
22
µF
75
Ω
+
75
Ω
GSEL
H
L
100
µF
+
4.7
µF
4.7
µF
4.7
µF
100
µF
+
100
µF
+
VCC1
+
−
CLAMP
VR
+
−
CLAMP
VR
+
−
75
Ω
OUT
Display Module
75
Ω
6dB
SM5306
+
−
OFB
OUT
OFB
100
µF
22
µF
1k
Ω
6dB
SM5306
+
−



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com