Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5837AF Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5837AF
Description  Variable-length 1H Delay Line LSI
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5837AF Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5837AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SM5837AF
SEIKO NPC CORPORATION —5
AC Characteristics
VDD = 4.75 to 5.25V, VSS = 0V, Ta = −20 to 70°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
CLK clock cycle
tCP1
25
–
–
ns
CLK clock HIGH-level pulsewidth
tCH1
10
–
–
ns
CLK clock LOW-level pulsewidth
tCL1
10
–
–
ns
SICK clock cycle
tCP2
50
–
–
ns
SICK clock HIGH-level pulsewidth
tCH2
20
–
–
ns
SICK clock LOW-level pulsewidth
tCL2
20
–
–
ns
CLK, SICK and LEN rise time
tCR
1.0 to 2.0V
–
–
10
ns
CLK, SICK and LEN fall time
tCF
1.0 to 2.0V
–
–
10
ns
DI0 to DI11, DL0 to DL10 and RSTN
setup time
tS1
10
–
–
ns
DI0 to DI11, DL0 to DL10 and RSTN
hold time
tH1
0––
ns
SDI setup time
tS2
25
–
–
ns
SD1 hold time
tH2
25
–
–
ns
SICK rising edge
→ LEN rising edge
tCE
25
–
–
ns
LEN rising edge
→ SICK rising edge
tEC
25
–
–
ns
CLK
→ DO0 to D011 output delay
tPD
See “Load conditions 1”.
–
–
20
ns
CLK
→ DO0 to D011 output hold time
tOH
5––
ns
OE HIGH-level pulsewidth
tOEH
50
–
–
ns
OE LOW-level pulsewidth
tOEL
50
–
–
ns
OE
→ DO0 to DO11 output enable
delay
tPZL
See “Load conditions 2”.
–
–
25
ns
tPZH
–
–
25
ns
OE
→ DO0 to DO11 output disable
delay
tPLZ
–
–
25
ns
tPHZ
–
–
25
ns
Input capacitance
CIN
f = 1MHz
–
–
10
pF
Output capacitance
COUT
f = 1MHz, OE = VIL
–
–
15
pF
Load conditions 1
40pF
OUTPUT
Load conditions 2
40pF
OUTPUT
500
Ω
PZH
t
PHZ
t
0V(
)
,
PZL
t
PLZ
t
2.6V(
)
,



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com