Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6451AT Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM6451AT
Description  Audio Variable Volume IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451AT Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM6451AT Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451AT Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451AT Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451AT Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451AT Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451AT Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451AT Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451AT Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451AT Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SM6451A
SEIKO NPC CORPORATION —8
D9, D8
Channel select bits. The selected channel(s) are shown in table 1.
D7 to D0
Attenuation register (ATT) set bits.
Note. Outputs are muted after system reset.
Table 1. Channel select
D9
D8
Selected channel
LOW
LOW
Both left and right channels
LOW
HIGH
Left channel
HIGH
LOW
Right channel
HIGH
HIGH
No change
Table 2. Attenuation setting
Attenuation
ATTH
D7
D6
D5
D4
D3
D2
D1
D0
0 dB
00
LOW
LOW
LOW
LOW
LOW
LOW
LOW
LOW
−1 dB
01
LOW
LOW
LOW
LOW
LOW
LOW
LOW
HIGH
−2 dB
02
LOW
LOW
LOW
LOW
LOW
LOW
HIGH
LOW
:
:::::::::
−15 dB
0F
LOW
LOW
LOW
LOW
HIGH
HIGH
HIGH
HIGH
−16 dB
10
LOW
LOW
LOW
HIGH
LOW
LOW
LOW
LOW
−17 dB
11
LOW
LOW
LOW
HIGH
LOW
LOW
LOW
HIGH
:
:::::::::
−63 dB
3F
LOW
LOW
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
−64 dB
40
LOW
HIGH
LOW
LOW
LOW
LOW
LOW
LOW
−65 dB
41
LOW
HIGH
LOW
LOW
LOW
LOW
LOW
HIGH
:
:::::::::
−79 dB
4F
LOW
HIGH
LOW
LOW
HIGH
HIGH
HIGH
HIGH
−80 dB
50
LOW
HIGH
LOW
HIGH
LOW
LOW
LOW
LOW
Mute
51
LOW
HIGH
LOW
HIGH
LOW
LOW
LOW
HIGH
Mute
52
LOW
HIGH
LOW
HIGH
LOW
LOW
HIGH
LOW
:
:::::::::
Mute
FE
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
LOW
Mute
FF
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com