Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5021BA-2 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5021BA-2
Description  Crystal Oscillator Module ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5021BA-2 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5021BA-2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5021BA-2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5021BA-2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5021BA-2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5021BA-2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5021BA-2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5021BA-2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5021BA-2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5021BA-2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SM5021 series
SEIKO NPC CORPORATION —4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V, f ≤ 70MHz, CL ≤ 15pF
Note: Recommended operating conditions will change in accordance with operating frequency, load capacitance, or power dissipation.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
− 0.5 to + 7.0
V
Input voltage range
VIN
− 0.5 to VDD + 0.5
V
Output voltage range
VOUT
− 0.5 to VDD + 0.5
V
Operating temperature range
Topr
− 40 to + 85
°C
Storage temperature range
Tstg
Chip form
− 65 to + 150
°C
SOT23-6
− 55 to + 125
Output current
IOUT
13
mA
Power dissipation
PD
SOT23-6
250
mW
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage
VDD
2.7
–
5.5
V
Input voltage
VIN
VSS
–VDD
V
Operating temperature
TOPR
− 20
–
+ 80
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com