Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5006AHCS Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5006AHCS
Description  Crystal Oscillator Module ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006AHCS Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5006AHCS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SM5006 series
SEIKO NPC CORPORATION —4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to 7.0
V
Input voltage range
VIN
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
−0.5 to VDD + 0.5
V
Operating temperature range
Topr
−40 to 85
°C
Storage temperature range
Tstg
Chip form
−65 to 150
°C
8-pin SOP
−55 to 125
Output current
IOUT
5006
×N×, ×K×
25
mA
5006AH
×
10
Power dissipation
PD
8-pin SOP
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com