Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8143AD Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8143AD
Description  EL Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8143AD Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8143AD Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8143AD Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8143AD Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8143AD Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8143AD Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8143AD Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8143AD Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8143AD Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM8143A
SEIKO NPC CORPORATION —1
EL Driver
OVERVIEW
The SM8143A is a transformer-less electroluminescent (EL) driver IC, capable of driving displays up to
80cm2 (SM8143AV) or 70cm2 (SM8143AD) in size. It is a high-efficiency driver that features revised coil
switching transistor ON resistance and output circuit configuration to reduce loss. The EL drive frequency and
coil drive frequency can be controlled independently, making the driver circuit optimizable to match applica-
tion requirements. A microcontroller interface pin (ENA) is provided, which can be used to control the EL
driver ON/OFF function.
FEATURES
I
Dedicated EL driver
I
1.6 to 5.5V supply voltage
I
Maximum operating current
• SM8143AV: 150mA max.
(VDD = 3.0V, Ta ≤ 70°C)
• SM8143AD: 100mA max.
(VDD = 3.0V, Ta ≤ 70°C)
I
3.5
Ω typical output resistance
I
200Vp-p maximum EL driver voltage*
I
31 to 1500Hz EL drive frequency range*
I
High voltage CMOS Process
I
Package: VSOP-16, SON-10
*: Adjustable with external resistance.
APPLICATIONS
I
Cellular phone
I
Mobile equipment
I
PDA
ORDERING INFORMATION
PINOUT
(Top view)
I
VSOP-16
I
SON-10
Device
Package
SM8143AV
VSOP-16
SM8143AD
SON-10
NC
1
CHV
NC
LDR
16
NC
OUT1
NC
OUT2
NC
VSS
NC
OCL
8
NC
VDD
ENA
9
OCE
CHV
LDR
NC
OUT1
OUT2
VSS
OCL
OCE
ENA
VDD
6
1
2
3
4
5
10
9
8
7
6


Similar Part No. - SM8143AD

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A Datasheet
75Kb / 6P
EL Sheet Driver
SM8143AV NPC-SM8143AV Datasheet
75Kb / 6P
EL Sheet Driver
More results

Similar Description - SM8143AD

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
EL Driver IC
SM8141 NPC-SM8141 Datasheet
81Kb / 8P
EL Sheet Driver
SM8142 NPC-SM8142 Datasheet
102Kb / 8P
EL Sheet Driver
SM8143A NPC-SM8143A Datasheet
75Kb / 6P
EL Sheet Driver
SM8144B NPC-SM8144B Datasheet
69Kb / 6P
EL Sheet Driver
SM8145A NPC-SM8145A Datasheet
112Kb / 7P
Dual EL Driver
logo
Supertex, Inc
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
EL Lamp Driver
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
MEDIUM EL LAMP DRIVER
logo
Nippon Precision Circui...
SM8146AD1 NPC-SM8146AD1 Datasheet
304Kb / 19P
EL Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com