Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM9501B Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM9501B
Description  Radio Controlled Clock Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9501B Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM9501B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SM9501B
SEIKO NPC CORPORATION —5
STANDARD CIRCUIT
APPLICATION CIRCUIT
*1. These values are obtained when using NPC's standard crystal and should be considered as reference values.
In case of using differnt crystal, the values are different.
*1. These values are obtained when using NPC's standard crystal and should be considered as reference values.
In case of using differnt crystal, the values are different.
VDDA
IN1
IN3
IN2
FCN
XO
VSSA
XI
+
40kHz
60kHz
5.1k
Ω
100k
Ω
−
50
Ω
0.22
µF
LF
CB
CP
HLDN
VSS
OUT
PON
VDD
12pF
12pF
*1
1
µF
1
µF
VDD
0.1
µF
VDDA
IN1
IN3
IN2
FCN
XO
VSSA
XI
40kHz
60kHz
5.1k
Ω
100k
Ω
0.22
µF
LF
CB
CP
HLDN
VSS
OUT
PON
VDD
12pF
12pF
*1
1
µF
1
µF
VDD
0.1
µF
CONTROLLER
ANT.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com