Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF5027 Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # WF5027
Description  Crystal Oscillator Module ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5027 Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button WF5027 Datasheet HTML 9Page - Nippon Precision Circuits Inc WF5027 Datasheet HTML 10Page - Nippon Precision Circuits Inc WF5027 Datasheet HTML 11Page - Nippon Precision Circuits Inc WF5027 Datasheet HTML 12Page - Nippon Precision Circuits Inc WF5027 Datasheet HTML 13Page - Nippon Precision Circuits Inc WF5027 Datasheet HTML 14Page - Nippon Precision Circuits Inc WF5027 Datasheet HTML 15Page - Nippon Precision Circuits Inc WF5027 Datasheet HTML 16Page - Nippon Precision Circuits Inc WF5027 Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
WF5027 series
SEIKO NPC CORPORATION —13
FUNCTIONAL DESCRIPTION
Standby Function
When INHN goes LOW, the Q output becomes high impedance.
Power-saving Pull-up Resistor
The INHN pin pull-up resistance RUP1 or RUP2 changes in response to the input level (HIGH or LOW). When
INHN is tied LOW level, the pull-up resistance is large (RUP1), reducing the current consumed by the resis-
tance. When INHN is left open circuit, the pull-up resistance is small (RUP2), which increases the input suscep-
tibility to external noise. However, the pull-up resistance ties the INHN pin HIGH level to prevent external
noise from unexpectedly stopping the output.
Oscillation Detector Function
The WF5027 series also feature an oscillation detector circuit. This circuit functions to disable the outputs until
the oscillator circuit starts and oscillation becomes stable. This alleviates the danger of abnormal oscillator out-
put at oscillator start-up when power is applied or when INHN is switched.
INHN
Q
Oscillator
HIGH (or open)
Frequency output
Normal operation
LOW
High impedance
Stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com