Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2621 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2621
Description  FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2621 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2621 Datasheet HTML 6Page - Texas Instruments TLV2621 Datasheet HTML 7Page - Texas Instruments TLV2621 Datasheet HTML 8Page - Texas Instruments TLV2621 Datasheet HTML 9Page - Texas Instruments TLV2621 Datasheet HTML 10Page - Texas Instruments TLV2621 Datasheet HTML 11Page - Texas Instruments TLV2621 Datasheet HTML 12Page - Texas Instruments TLV2621 Datasheet HTML 13Page - Texas Instruments TLV2621 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
−140
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
10
1k
100k
10k
100
Shutdown Crosstalk
VDD = 2.7 V and 5 V
RL = 2 kΩ
CL = 10 pF
AV = 1
VO(PP) = VDD/2
TA = 25°C
All Channels
Crosstalk
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
−40 −25 −10 5
20 35 50 65 80 95 110 125
TA − Free-Air Temperature − °C
VDD = 5 V
VDD = 2.7 V
Shutdown = 0
V
AV = 1
VIC = VDD/2
VDD = 3.6 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VDD − Supply Voltage − V
Shutdown = 0
V
AV = 1
VIC = VDD/2
TA = 70°C
TA = 25°C
TA = 125°C
TA = 0°C
TA = −40°C
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
t − Time −
µs
0.0
1.0
2.0
3.0
4.0
5.0
0.0
0.5
1.0
1.5
2.0
2.5
1.0
0.5
0.0
1.5
SD
IDD(SD)
VO
2.0
VDD = 5 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VIC = VDD/2
TA = 25° C
TLV2620, TLV2621
TLV2622, TLV2623
TLV2624, TLV2625
SLOS251D – DECEMBER 2000 – REVISED JANUARY 2005
CROSSTALK
SHUTDOWN SUPPLY CURRENT
SHUTDOWN SUPPLY CURRENT
vs
vs
vs
FREQUENCY
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 20.
Figure 21.
Figure 22.
SHUTDOWN SUPPLY CURRENT/OUTPUT VOLTAGE
vs
TIME
Figure 23.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com