Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD600CEY120C2S Datasheet(PDF) 6 Page - StarPower Europe AG

Part # GD600CEY120C2S
Description  1200V/600A 2 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD600CEY120C2S Datasheet(HTML) 6 Page - StarPower Europe AG

  GD600CEY120C2S Datasheet HTML 1Page - StarPower Europe AG GD600CEY120C2S Datasheet HTML 2Page - StarPower Europe AG GD600CEY120C2S Datasheet HTML 3Page - StarPower Europe AG GD600CEY120C2S Datasheet HTML 4Page - StarPower Europe AG GD600CEY120C2S Datasheet HTML 5Page - StarPower Europe AG GD600CEY120C2S Datasheet HTML 6Page - StarPower Europe AG GD600CEY120C2S Datasheet HTML 7Page - StarPower Europe AG GD600CEY120C2S Datasheet HTML 8Page - StarPower Europe AG GD600CEY120C2S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GD600CEY120C2S
IGBT Module
©2017 STARPOWER Semiconductor Ltd.
6/25/2017
6/9
SN0B
Fig 5. RBSOA
Fig 6. IGBT Transient Thermal Impedance
Fig 7. Diode Forward Characteristics
Fig 8. Diode Switching Loss vs. IF
0
200
400
600
800
1000
1200
1400
0
200 400 600 800 100012001400
V
CE [V]
Module
R
G=1.5Ω
V
GE=±15V
T
j=150
oC
0.001
0.01
0.1
0.001
0.01
0.1
1
10
t [s]
IGBT
i:
1
2
3
4
r
i[K/W]:
0.0025 0.0146 0.0141 0.0128
τ
i[s]:
0.01
0.02
0.05
0.1
0
200
400
600
800
1000
1200
0
0.4
0.8
1.2
1.6
2
2.4
V
F [V]
Tj=25℃
Tj=125℃
Tj=150℃
0
10
20
30
40
50
60
70
0
200
400
600
800 1000 1200
I
F [A]
Erec Tj=125℃
Erec Tj=150℃
V
CC=600V
R
G=1.5Ω
V
GE=-15V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com