Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD49300 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD49300
Description  3A Very low drop for low output voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49300 Datasheet(HTML) 1 Page - STMicroelectronics

  LD49300 Datasheet HTML 1Page - STMicroelectronics LD49300 Datasheet HTML 2Page - STMicroelectronics LD49300 Datasheet HTML 3Page - STMicroelectronics LD49300 Datasheet HTML 4Page - STMicroelectronics LD49300 Datasheet HTML 5Page - STMicroelectronics LD49300 Datasheet HTML 6Page - STMicroelectronics LD49300 Datasheet HTML 7Page - STMicroelectronics LD49300 Datasheet HTML 8Page - STMicroelectronics LD49300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
December 2006
Rev. 2
1/20
20
LD49300
3A Very low drop for low output voltage regulator
Feature summary
Input voltage range:
VI = 1.4V to 5.5V
VBIAS = 3V to 6V
Stable with ceramic capacitor
±1.5% initial tolerance
Maximum dropout voltage (VI - VO) of 400mV
over temperature
Adjustable output voltage down to 0.8V
Ultra fast transient response (up to 10MHz
bandwidth)
Excellent line and load regulation
specifications
Logic controlled shutdown option
Thermal shutdown and current limit protection
Junction temperature range: –25°C to 125°C
Description
The LD49300 is a high-bandwidth, low-dropout,
3.0A voltage regulator, ideal for powering core
voltages of low-power microprocessors. The
LD49300 implements a dual supply configuration
allowing for very low output impedance and very
fast transient response. The LD49300 requires a
bias input supply and a main input supply,
allowing for ultra-low input voltages on the main
supply rail. The input supply operates from 1.4V to
5.5V and the bias supply requires between 3V
and 6V for proper operation. The LD49300 offers
fixed output voltages from 0.8V to 1.8V and
adjustable output voltages down to 0.8V.
The LD49300 requires a minimum output
capacitance for stability, and work optimally with
small ceramic capacitors.
Applications
Graphics processors
PC Add-In Cards
Microprocessor core voltage supply
Low voltage digital ICs
High Efficiency Linear power supplies
SMPS post regulators
www.st.com
PPAK
Order code
Part number
Package
Packaging
LD49300PT08R (1)
1.
Adjustable Version.
PPAK (Tape&Reel)
2500 parts per reel
LD49300PT10R
PPAK (Tape&Reel)
2500 parts per reel
LD49300PT12R
PPAK (Tape&Reel)
2500 parts per reel


Similar Part No. - LD49300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD49300PT08R STMICROELECTRONICS-LD49300PT08R Datasheet
678Kb / 20P
3 A very low drop-out voltage regulator
30-Jun-2010
LD49300PT10R STMICROELECTRONICS-LD49300PT10R Datasheet
678Kb / 20P
3 A very low drop-out voltage regulator
30-Jun-2010
LD49300PT12R STMICROELECTRONICS-LD49300PT12R Datasheet
678Kb / 20P
3 A very low drop-out voltage regulator
30-Jun-2010
LD49300XX08 STMICROELECTRONICS-LD49300XX08 Datasheet
678Kb / 20P
3 A very low drop-out voltage regulator
30-Jun-2010
LD49300XX10 STMICROELECTRONICS-LD49300XX10 Datasheet
678Kb / 20P
3 A very low drop-out voltage regulator
30-Jun-2010
More results

Similar Description - LD49300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
3A, VERY LOW DROP VOLTAGE REGULATORS
Jun-2003
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
VERY LOW DROP DUAL VOLTAGE REGULATOR
03-Aug-2004
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
3A, Very low drop voltage regulators
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
1.5A Very low drop for low output voltage regulator
18-Apr-2007
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
LD49150XX08 STMICROELECTRONICS-LD49150XX08 Datasheet
710Kb / 22P
1.5 A very low drop for low output voltage regulator
29-Jun-2010
logo
Unisonic Technologies
378RXX UTC-378RXX Datasheet
225Kb / 8P
4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com