Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG-3003 Datasheet(PDF) 1 Page - AG Electronica

Part # AG-3003
Description  ADAPTADOR DE CORRIENTE microUSB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

AG-3003 Datasheet(HTML) 1 Page - AG Electronica

  AG-3003 Datasheet HTML 1Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
AG-3003
ADAPTADOR DE CORRIENTE microUSB
Rango de Voltaje/Corriente: 5.0V/3.1A
Características:
Parámetro
Rango
Voltaje de entrada
100 - 240VCA
Corriente de entrada
0.5A
Frecuencia de entrada
50/60Hz
Voltaje de Salida
5.0V
Corriente de Salida
3.1A (Carga Rápida)
Potencia de Salida
15W
Cantidad de Salidas
1 MicroUSB (V8), 2 USB tipo A
Largo del Cable MicroUSB
1m
AG Electrónica S.A.P.I. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: 55 5130 - 7210
ACOTACIÓN:
N/A
http://www.agelectronica.com
ESCALA:
N/A
REALIZO: VJSR
REV:VJSR
TOLERANCIA:
N/A
ADAPTADOR DE CORRIENTE microUSB
TOLERANCIA:
N/A
Fecha:
03/06/2021
No. Parte: AG-3003


Similar Part No. - AG-3003

ManufacturerPart #DatasheetDescription
logo
AG Electronica
AG-3000 AGELECTRONICA-AG-3000 Datasheet
736Kb / 2P
TERMÓMETRO INFRARROJO AUTÓNOMO
10/10/2020
AG-3000CALIBRADO AGELECTRONICA-AG-3000CALIBRADO Datasheet
343Kb / 2P
TERMÓMETRO INFRARROJO AUTÓNOMO
20/06/2020
AG-3000DIGITAL AGELECTRONICA-AG-3000DIGITAL Datasheet
894Kb / 3P
TERMÓMETRO INFRARROJO CALIBRADO Y CON SALIDAS DIGITALES
AG-3002 AGELECTRONICA-AG-3002 Datasheet
287Kb / 1P
ADAPTADOR DE CORRIENTE USB
03/06/2019
More results

Similar Description - AG-3003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW8700 ETC2-CW8700 Datasheet
106Kb / 5P
FICHE DE DONN횋ES DE S횋CURIT횋
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
logo
List of Unclassifed Man...
UUSB-PA5 ETC2-UUSB-PA5 Datasheet
618Kb / 7P
microUSB Programming Adaptor
logo
Hammond Manufacturing L...
FRCMCD HAMMOND-FRCMCD Datasheet
70Kb / 1P
Separateur de chemins de cables
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
logo
List of Unclassifed Man...
FH-80-50 ETC2-FH-80-50 Datasheet
39Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FN-2-50 ETC2-FN-2-50 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
logo
A-Data Technology
UD320 A-DATA-UD320 Datasheet
1Mb / 1P
microUSB adaptor
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com