Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA30 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # CA30
Description  Wet Tantalum Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CA30 Datasheet(HTML) 1 Page - DB Lectro Inc

  CA30 Datasheet HTML 1Page - DB Lectro Inc CA30 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CA30 Wet Tantalum Capacitor
Ⅰ、 Features
Ⅱ、 General Characteristics
1、 Operating Temperature
A -55℃~+125℃ ( with voltage derating at greater than85℃)
B -55℃~+85℃ (Table 2)
2、 Capacitance Tolerance
±10%, ±20%, ±30% ~-±10%
3、 DC Leakage Current Table 1
4、 DC Dissipation Factor table 2
Ⅲ、 Dimension, Rated voltage and Capacitance
Rated voltage (V)
6.3
10
16
25
40
63
100
125
Derating voltage (V)
4
6.3
10
16
25
40
63
75
Case size
DXL
(mm)
Max
Wt.(g)
Capacitance
(uF)
22
15
10
6.8
4.7
2.2
1.5
1
33
22
15
10
6.8
3.3
2.2
1.5
47
33
22
15
10
4.7
3.3
2.2
68
47
33
22
15
6.8
4.7
3.3
1
5×14
4
100
68
47
33
22
10
6.8
4.7
150
100
68
47
33
15
10
6.8
2
6×16
5
220
150
100
68
47
22
15
10
330
220
150
100
68
33
22
15
3
8×16
7
470
330
220
150
100
47
33
22
4
8×22
10
680
470
330
220
150
68
47
33
5
10×22
14
1000
680
470
330
220
100
68
47
6
10×25
17
1000
680
470
330
150
100
Small units with high stable performance, lower current leakage &
dissipation factor, stable frequency and temperature and long life. Suitable
for military equipment, computer, telephone and other electronic products.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CA30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA3000 ETC1-CA3000 Datasheet
46Kb / 2P
High-Reliablility CA3000 Slash-Series Linear ICs
logo
Harris Corporation
CA3002 HARRIS-CA3002 Datasheet
298Kb / 6P
DIFFERENTIAL AMPLIFIERS
logo
Tyco Electronics
CA3010 MACOM-CA3010 Datasheet
398Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
CA3010 MACOM-CA3010 Datasheet
374Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
logo
M/A-COM Technology Solu...
CA3010 MA-COM-CA3010 Datasheet
1Mb / 2P
Cascadable Amplifier 10 kHz to 2500 MHz
More results

Similar Description - CA30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D Datasheet
576Kb / 9P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
25-Jun-04
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
Wet Tantalum Capacitor
logo
AVX Corporation
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
TWA Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
logo
AVX Corporation
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
COTS-Plus Wet Electrolytic Tantalum Capacitor
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
Type 211D Wet Tantalum Capacitor Array with Tantalum Cased Tantalum Internal Components for -55 °C to 125 °C Operation
23-Nov-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com