Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCF8103 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCF8103
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8103 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCF8103 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8103 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8103 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8103 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8103 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8103 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8103 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCF8103
2006-11-16
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8103
Notebook PC Applications
Portable Equipment Applications
• Low drain-source ON resistance: RDS (ON) = 72 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 4.7S (typ.)
• Low leakage current: IDSS = -10 μA (max) (VDS = -20 V)
• Enhancement-model: Vth = -0.5 to -1.2 V
(VDS = -10 V, ID = -200μA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
-20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
-20
V
Gate-source voltage
VGSS
±8
V
DC
(Note 1)
ID
-2.7
Drain current
Pulse
(Note 1)
IDP
-10.8
A
Drain power dissipation
(t
= 5 s)
(Note 2a)
PD
2.5
W
Drain power dissipation
(t
= 5 s)
(Note 2b)
PD
0.7
W
Single pulse avalanche energy (Note 3)
EAS
1.2
mJ
Avalanche current
IAR
-1.35
A
Repetitive avalanche energy
(Note 4)
EAR
0.25
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Note: For (Note 1), (Note 2), (Note 3), (Note 4) and (Note 5), please refer to the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3U1A
Weight: 0.011 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4


Similar Part No. - TPCF8103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8103 TOSHIBA-TPCF8103 Datasheet
82Kb / 3P
TRANSISTOR SILICON P CHANNEL MOS TYPE(U竊뛏OS??
TPCF8103 TOSHIBA-TPCF8103 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPCF8103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC6105 TOSHIBA-TPC6105 Datasheet
226Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101 Datasheet
187Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8101 TOSHIBA-TPCP8101 Datasheet
227Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com