Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8H02 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TPCP8H02
Description  TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8H02 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TPCP8H02 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TPCP8H02
2006-11-13
7
Ta
= 100°C
−25
25
Gate
−source voltage VGS (V)
RDS (ON) − VGS
Ambient temperature Ta (°C)
Vth − Ta
Drain
−source voltage VDS (V)
IDR − VDS
Common source
VDS = 3 V
Common source
ID = 10 mA
ID − VGS
Gate
−source voltage VGS (V)
0.01
1000
0.1
10
1
100
0
3
1
2
0
8
6
2
2
0
10
46
8
0
2.0
0.8
1.6
−25
25
150
75
0
250
50
150
100
200
−0.2
0
−1.4
−0.4
−1.0
−1.2
−0.8
Ta
= 100°C
−25
25
4
1.2
0.4
0
50
125
100
Common source
ID = 0.1 mA
VDS = 3 V
Common source
VGS = 0 V
Ta = 25°C
−0.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com