Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8601 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCP8601
Description  Silicon PNP Epitaxial Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8601 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCP8601 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8601 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8601 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8601 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8601 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPCP8601
2004-12-10
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
TPCP8601
High-Speed Switching Applications
DC-DC Converter Applications
Strobo Flash Applications
• High DC current gain: hFE = 200 to 500 (IC = −0.6 A)
• Low collector-emitter saturation: VCE (sat) = −0.19 V (max)
• High-speed switching: tf = 35 ns (typ.)
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−20
V
Collector-emitter voltage
VCEO
−20
V
Emitter-base voltage
VEBO
−7
V
DC (Note 1)
IC
−4.0
Collector current
Pulse (Note 1 )
ICP
−7.0
A
Base current
IB
−0.5
A
t = 10s
3.3
Collector power
dissipation (t = 10s)
DC
Pc (Note 2)
1.3
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Ensure that the junction temperature does not exceed 150°C during
use of this device.
Note 2: Mounted on an FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
Note 3: ● on the lower left of the marking indicates Pin 1.
* Weekly code (three digits):
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3V1A
Weight: 0.017 g (typ.)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)
Year of manufacture
(lowest-order digit of the calendar year)
Figure 1.
Circuit Configuration
(Top View)
Figure 2. Marking
(Note 3)
Type
Lot No.
(weekly code)
0.33±0.05
0.28+0.1
-0.11
1.12+0.13
-0.12
0.475
0.65
A
0.05 M
2.9±0.1
4
1
5
8
0.8±0.05
0.17±0.02
B
B
0.05 M
A
S
0.025
S
1.12+0.13
-0.12
0.28+0.1
-0.11
1.Collector
2.Collector
3.Collector
4.Base
5.Emitter
6.Collector
7.Collector
8.Collector
8
7
6
5
*
8601
1
2
3
4
1  2  3  4
8  7  6   5


Similar Part No. - TPCP8601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8601 TOSHIBA-TPCP8601 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4985 TOSHIBA-RN4985 Datasheet
152Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4986 TOSHIBA-RN4986 Datasheet
150Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4987 TOSHIBA-RN4987 Datasheet
153Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606 Datasheet
159Kb / 4P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4908 TOSHIBA-RN4908 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4909 TOSHIBA-RN4909 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4988 TOSHIBA-RN4988 Datasheet
217Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4989 TOSHIBA-RN4989 Datasheet
216Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4604 TOSHIBA-RN4604_07 Datasheet
251Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com