Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCS8213 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCS8213
Description  Lithium Ion Battery Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8213 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCS8213 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCS8213
2007-01-16
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSⅣ)
TPCS8213
Lithium Ion Battery Applications
• Small footprint due to a small and thin package
• Low drain-source ON-resistance: RDS (ON) = 8.4 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 13 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 20 V)
• Enhancement-mode: Vth = 0.5~1.4 V (VDS = 10 V, ID = 200 μA)
• Common drain
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
20
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
6
Drain current
Pulse
(Note 1)
IDP
24
A
Single-device
operation (Note 3a)
PD (1)
1.1
Drain power
dissipation
(t
= 10 s)
(Note 2a)
Single-device value
at dual operation
(Note 3b)
PD (2)
0.75
W
Single-device
operation (Note 3a)
PD (1)
0.6
Drain power
dissipation
(t
= 10 s)
(Note 2b)
Single-device value
at dual operation
(Note 3b)
PD (2)
0.35
W
Single-pulse avalanche energy
(Note 4)
EAS
9.4
mJ
Avalanche current
IAR
6
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.075
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For Notes 1 to 5, see the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
WARNING
【Handling Precaution for Power MOSFET in use of Protection Circuit for Battery Pack】
Flame-retardant resins of UL94-V0 flammability class are used in packages, however, they are not
noncombustible.Use a unit, for example PTC Thermistor, which can shut off the power supply if a
short-circuit occurs. If the power supply is not shut off on the occurring short-circuit,a large
short-circuit current will flow continuously, which may cause the device to catch fire or smoke.
Unit: mm
JEDEC
⎯
JEITA
⎯
TOSHIBA
2-3R1E
Weight: 0.035 g (typ.)
Circuit Configuration
8
7
6
5
1
2
3
4


Similar Part No. - TPCS8213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210 Datasheet
426Kb / 7P
SILICON N CHANNEL MOS TYPE LITHIUM BATTERY APPLICATIONS
TPCS8210 TOSHIBA-TPCS8210 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
16-Jan-2007
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
16-Jan-2007
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
20-Feb-2003
TPCS8211 TOSHIBA-TPCS8211 Datasheet
209Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Jan-2007
More results

Similar Description - TPCS8213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCT4201 TOSHIBA-TPCT4201 Datasheet
246Kb / 4P
LITHIUM ION BATTERY APPLICATIONS
05-Mar-2004
TPCS8208 TOSHIBA-TPCS8208_07 Datasheet
193Kb / 7P
Lithium Ion Battery Applications
16-Jan-2007
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
16-Jan-2007
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications
16-Jan-2007
TPCS8214 TOSHIBA-TPCS8214 Datasheet
223Kb / 7P
Lithium Ion Battery Applications
16-Jan-2007
TPC8125 TOSHIBA-TPC8125 Datasheet
227Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPCS8214 TOSHIBA-TPCS8214_09 Datasheet
236Kb / 7P
Lithium Ion Battery Applications
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com