Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8049S Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8049S
Description  Quad Channel Power Half-Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8049S Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8049S Datasheet HTML 1Page - Monolithic Power Systems MP8049S Datasheet HTML 2Page - Monolithic Power Systems MP8049S Datasheet HTML 3Page - Monolithic Power Systems MP8049S Datasheet HTML 4Page - Monolithic Power Systems MP8049S Datasheet HTML 5Page - Monolithic Power Systems MP8049S Datasheet HTML 6Page - Monolithic Power Systems MP8049S Datasheet HTML 7Page - Monolithic Power Systems MP8049S Datasheet HTML 8Page - Monolithic Power Systems MP8049S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP8049S - 24V, 5.5A QUAD CHANNEL POWER HALF-BRIDGE
MP8049S Rev. 1.01
www.MonolithicPower.com
4
10/24/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATING SPECIFICATIONS (6)
VSP = 18V, VSHDNB = 5V, VSTBYB = 5V, Bridge-tied-load output configuration, TA = +25C, unless
otherwise specified.
Parameters
Symbol Condition
Min
Typ
Max
Units
Power Output
PO
VSP=18V, f = 1kHz, THD+N < 1%,
RL = 6Ω
20
W
VSP=24V, f = 1kHz, THD+N < 1%,
RL = 8Ω
30
W
THD+ Noise
VSP=18V/24V, f = 1kHz, PO = 1W,
RL = 8Ω/6Ω
0.1
%
Efficiency
VSP=24V, f = 1kHz, PO = 35W, 8Ω
Load
92
%
SNR
PO =15W, RL = 8Ω/6Ω, A-Weighted
100
dB
Noise Floor
A-Weighted
100
μV
Cross Talk
-80
dB
Power Supply Rejection
VRIPPLE=200mVPP
CSP=1μF
f = 1k Hz
-70
dB
f = 217 Hz
-70
dB
Note:
6) Operating Specifications are for the IC in Typical Application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com