Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4570GF Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ4570GF
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4570GF Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ4570GF Datasheet HTML 14Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 15Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 16Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 17Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 18Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 19Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 20Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 21Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MPQ4570
– 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MPQ4570 Rev. 1.05
www.MonolithicPower.com
21
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
GND
EN
VIN
GND
VOUT
1M
R4
4.32k
R2
10k
R1
2.2uF
C1A
47nF
C3
0.1uF
C7
0.1uF
C2C
22uF
C2A
22uF
C2B
10uH
L1
2.2uF
C1B
4.5V-55V
3.3V@3A
0.1uF
C1C
NS
R5
220pF
C4
10k
R3
1uF
C8
102k
R7
100k
R6
PG
1uF
C5
0.1uF
C6
1N4148
D1
SW
BST
5
VIN
EN
4
COMP
1
FB
2
VDD
16
BIAS
17
SS
19
FREQ
3
PG
18
MPQ4570
10,11
6,7,8
U1
Figure 4
– 3.3V Output Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com