Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD-5083R Datasheet(PDF) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SCD-5083R
Description  1000TVL (1280H) WDR Varifocal IR Dome Camera
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

SCD-5083R Datasheet(HTML) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  SCD-5083R Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. SCD-5083R Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. SCD-5083R Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCD-5083R
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.
2/3
SCD-5083R
1000TVL (1280H) WDR Varifocal IR
Dome Camera
Specifications
Video
Imaging Device
1/3" 1.3M CMOS
NETD
Progressive
Pixel Size
Color : 1000 TVL, B/W : 1000 TVL
Min. Illumination
0.05Lux (F1.4, 50IRE), 0.001Lux (1sec, F1.4, 50IRE), 0.02Lux (F1.4, 30IRE), 0.0006Lux (1sec, F1.4, 30RE)
Video Out
CVBS : 1.0 Vp-p / 75Ω composite
Lens
Focal Length (Zoom Ratio)
3 ~ 10mm
Max. Aperture Ratio
F1.4
Angular Field of View
H : 82.0°(Wide) ~ 26.5°(Tele) / V : 59.7°(Wide) ~ 19.9°(Tele)
Min. Object Distance
0.5m (1.64ft)
Lens Type
DC Auto Iris
Mount Type
Board-in type
Pan / Tilt / Rotate
Pan / Tilt / Rotate Range
0°~+354°
Tilt Range
0°~+67°
Operational
Privacy Masking
Pelco-C (Coaxitron)
Gain Control
Fence, (Dis)Appear, Counting (Off / On)
Environmental & Electrical
Operating Temperature / Humidity
-10°C ~ +55°C (+14°F ~ +131°F)
Storage Temperature / Humidity
Less than 90% RH
Input Voltage
Dual (24V AC & 12V DC ±10%)
Mechanical
Color / Material
Ivory
RAL Code
Aluminum, Plastic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com