Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBC Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # PBC
Description  3-Phase Voltage Band Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

PBC Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  PBC Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
176
Diversified Electronics
800.727.5646
atcdiversified.com
The PBC Series offers protection to three-phase equipment that is
required to operate between two voltage limits. All three phases are
monitored individually for a pre-selected UNDER and OVER VOLTAGE
limit.
With normal operating voltages applied, the internal relay will energize
(PICK-UP). When the voltages on any or all phases fall outside the pre-
set Over/Under trip points for longer than the Release delay, the relay
will de-energize (DROP-OUT). When line conditions return to normal, the
PBC Series Monitor automatically resets and the internal relay energizes.
The LED fault indicators aid in set up and system trouble-shooting glow-
ing on fault condition. The LED indicators have an immediate response
to voltage conditions and operate independently of the relay.
The HYSTERESIS in each unit provides a differential of 4% between the
PICK-UP and DROP-OUT trip points.
The PBC Series is UL Listed under UL File Number E55826.
OPERATION
SPECIFICATIONS
OUTPUT RATING
DPDT, 10Amps @ 240 VAC, Resistive;
360 VA @ 600 VAC, Inductive; 1/2 hp
POWER REQUIRED Models Up to 300 VAC
7 VA, Max
Models Over 300 VAC
6 VA, Max
RESET
Automatic
HYSTERESIS
4%
REPEAT ACCURACY 0.1% @ Fixed Condition
INDICATORS LED
Glows On Fault; (1) For Over, (1) For Under
RESPONSE TIMES
Operate
100 mSEC
Release
0.5 SEC
TEMPERATURE
Operate
32° to +131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
WEIGHT
20 oz.
MODEL
MAXIMUM
ADJUSTABLE RANGES
NUMBER
VOLTAGE
UNDER
OVER
PBC-120-ALE
155 VAC
90-120
120-150
PBC-230-ALE
275 VAC
185-240
208-265
PBC-400-ALE
485 VAC
325-385
415-475
PBC-440-ALE
550 VAC
390-480
440-540
PBC-480-ALE
570 VAC
400-490
460-560
PBC-575-ALE
700 VAC
500-610
540-690
All voltages referenced on this page are phase-to-phase,
unless otherwise indicated.
MODEL
MAXIMUM
ADJUSTABLE RANGES
NUMBER
VOLTAGE
(Phases to Neutral)
UNDER
OVER
PBC-120/208-ALE 268 VAC
90-120
120-150
PBC-220/380-ALE 450 VAC
185-220
220-255
PBC-277/480-ALE 565 VAC
235-277
277-320
All voltages referenced on this page are phase-to-phase, unless
otherwise indicated.
DELTA CONNECTED
WYE CONNECTED
3-Phase Voltage Band Monitor
DIMENSIONS (INCHES)
IND. CONT. EQ
496Y
WIRING


Similar Part No. - PBC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PBC HAMMOND-PBC Datasheet
125Kb / 2P
Bo챤te de jonction en polyester de type 4X avec couvercle transparent
logo
Tyco Electronics
PBC MACOM-PBC Datasheet
303Kb / 4P
Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
logo
Powerbox
PBC-150-13.5-SC POWERBOX-PBC-150-13.5-SC Datasheet
135Kb / 2P
1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBC-150-27-SC POWERBOX-PBC-150-27-SC Datasheet
135Kb / 2P
1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
logo
Bud Industries, Inc.
PBC-1560-C BUD-PBC-1560-C Datasheet
126Kb / 2P
POTTING BOXES
More results

Similar Description - PBC

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
SW31K ZIEHL-SW31K Datasheet
279Kb / 1P
Voltage Monitor for 3-Phase Networks Undervoltage
logo
Littelfuse
102A LITTELFUSE-102A Datasheet
245Kb / 2P
3-Phase Voltage/Phase Monitor
1-B-100818
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
202-200-SP LITTELFUSE-202-200-SP Datasheet
191Kb / 2P
Single-phase voltage monitor
2016 Rev: 1-A-062716
50R LITTELFUSE-50R Datasheet
192Kb / 2P
Single-phase voltage monitor
2019 Rev: 2-B-050719
777-P2 LITTELFUSE-777-P2 Datasheet
409Kb / 5P
3-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
77C-KW LITTELFUSE-77C-KW Datasheet
551Kb / 3P
Single-Phase Current & Voltage Monitor
2019 Rev: 2-C-042619
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com