Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9407MA Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C9407MA
Description  Compact and low cost, OEM model (C9409MA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9407MA Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C9407MA Datasheet HTML 1Page - Hamamatsu Corporation C9407MA Datasheet HTML 2Page - Hamamatsu Corporation C9407MA Datasheet HTML 3Page - Hamamatsu Corporation C9407MA Datasheet HTML 4Page - Hamamatsu Corporation C9407MA Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Mini-spectrometer RC series
C9407MA, C9409MA
3
s Connection example (transmission light measurement)
Light to be measured is guided into the entrance port of RC
series through an optical fiber and the spectrum measured
with the built-in image sensor is output through the USB port
to a PC for data acquisition.
There are no moving parts inside the unit so stable mea-
surement are obtained at all times. An optical fiber that
guides light input from external sources allows a flexible
measurement setup.
USB
CABLE
PC
MINI-
SPECTROMETER
C9407MA
QUARTZ CELL
(For holding liquid sample)
FIBER
VISIBLE
FIBER LIGHT SOURCE
(Halogen lamp)
KACCC0260EB
s Light input method
For C9407MA and C9409MA, an SMA connector (plug) is
attached with the other end of the optical fiber. Light can be
easily guided by hooking up this connector to the SMA recep-
tacle of an external unit. If the optical fiber connected to
C9407MA and C9409MA is shorter than needed, an optical
fiber of the desired length can be added by connecting a
relay unit.
s Electrical connection with a external circuit (C9409MA)
The flexible printed circuit board protruding from the head or module is used make electrical connections to an external circuit.
4 ± 0.5
6 ± 0.5
THICKNESS: 0.3
Unit: mm
KACCC0261EA
· Mating connectors:
FH12-20S-0.5SV vertical type [Made by HIROSE electric]
FH12 52745-2090 horizontal type [Made by MOLEX]
Pin
No .
Te rm in al
nam e
I/O
Dis c rip tio n
Pin
No .
Te rm in al
nam e
I/O
D iscrip tio n
N C
-
N o c o nnection
N C
-
N o c o nnection
NC
-
N o c o nnection
GA IN
I
G a in se tting
N C
-
N o c o nnection
A .G N D
-
A nalog G N D
EO S
O
E O S (end of s can) s ignal
A.G N D
-
A nalog G N D
A .G N D
-
A nalog G N D
S T
I
S ens or sc an s tart s ignal
A.G N D
-
A nalog G N D
CL K
I
S ens or sc an s ync s ign al
H-C M O S c o m p a tib le
V ID E O
O
Video signal ou tp ut
S D A
O
Th erm o s ens or output s ignal
A.G N D
-
A nalog G N D
SC L
I
Th erm o s ens or driver s ign al
A .GN D
-
A n a log GN D
D .G N D
-
D ig ital GN D
+5 V
I
P o w e r s u pply of im age s ens or: +5 V
VC C
I
P o w e r
s u pply
of
therm os e ns or:
+ 3 .3 V
SMA CONNECTOR (PLUG)
C9409MA
Note: Refer to the “CMOS linear image sensor S8377/S8378 series” datasheet
for information on the operating conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com