Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSCDF12065G1 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSCDF12065G1
Description  12A, 650V SiC Merged PIN Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSCDF12065G1 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSCDF12065G1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSCDF12065G1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSCDF12065G1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSCDF12065G1 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSCDF12065G1 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSCDF12065G1 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSCDF12065G1
Taiwan Semiconductor
1
Version: A2404
12A, 650V SiC Merged PIN Schottky Diode
FEATURES
● Max junction temperature 175°C
● MPS structure for high ruggedness to forward current
surge events
● High-speed switching possible
● High forward surge capability
● High-frequency operation
● Positive temperature coefficient on VF
● RoHS compliant
● Halogen-free
APPLICATIONS
● General purpose
● Switch mode power supplies
● Power factor correction
MECHANICAL DATA
● Case: ITO-220AC-2L
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Polarity: As circuit diagram
● Weight: 1.65g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
12
A
VRRM
650
V
IFSM
88
A
TJ MAX
175
°C
Package
ITO-220AC-2L
Configuration
Single die
ITO-220AC-2L
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
650
V
Reverse voltage, total rms value
VR(RMS)
455
V
Continuous Rectified Forward Current @ TJ = 138°C
IF
12
A
Surge peak forward current 10ms single half
sine-wave superimposed on rated load
TC = 25°C
IFSM
88
A
TC = 125°C
76
A
Junction temperature
TJ
-55 to +175
°C
Storage temperature
TSTG
-55 to +175
°C


Similar Part No. - TSCDF12065G1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSCDF10065G1 TSC-TSCDF10065G1 Datasheet
348Kb / 6P
10A, 650V SiC Merged PIN Schottky Diode
Version: A2404
TSCDF16065G1 TSC-TSCDF16065G1 Datasheet
350Kb / 6P
16A, 650V SiC Merged PIN Schottky Diode
Version: A2404
More results

Similar Description - TSCDF12065G1

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SIC12C60 CITC-SIC12C60 Datasheet
809Kb / 4P
12A SiC Schottky Diode
logo
GeneSiC Semiconductor, ...
GE12MPS06A GENESIC-GE12MPS06A Datasheet
511Kb / 7P
650V 12A SiC Schottky MPS??Diode
logo
Vishay Siliconix
VS-C20ET07T-M3 VISHAY-VS-C20ET07T-M3 Datasheet
154Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 20 A
16-Apr-2021
VS-C08ET07T-M3 VISHAY-VS-C08ET07T-M3 Datasheet
153Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 8 A
16-Apr-2021
logo
UnitedSiC.
UJ3D06512TS UNITEDSIC-UJ3D06512TS Datasheet
272Kb / 6P
12A - 650V SiC Schottky Diode
Rev. A, June 2019
UJ3D06560KSD UNITEDSIC-UJ3D06560KSD Datasheet
466Kb / 6P
650V 60A SiC Merged PiN-Schottky Diode
Revision C, January 2019
logo
Vishay Siliconix
VS-C06ET07T-M3 VISHAY-VS-C06ET07T-M3_V01 Datasheet
156Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 6 A
16-Apr-2021
VS-C08ET07T-M3 VISHAY-VS-C08ET07T-M3_V01 Datasheet
154Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 8 A
16-Apr-2021
VS-C12ET07T-M3 VISHAY-VS-C12ET07T-M3_V01 Datasheet
154Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 12 A
16-Apr-2021
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com