Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 51 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 51 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 47Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 48Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 49Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 50Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 51Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 52Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 55Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-2
2.1
Structure of Memory Controller
TMPR3916 owns two internal busses, the system bus and the video bus. The system bus can be accessed
by the TX39 core and other devices capable of being master on the bus. Additionally, the TMPR3916
provides a second, so called video bus. The video bus is used by the GDC in order to read picture data from
the SDRAM frame buffer. The GDC is the only device on that bus and is not able to write data into SDRAM.
It is only possible to write data into the frame buffer via the system bus. Due to system performance
considerations it is recommended to use SDRAM memory for frame buffer, though it is also possible to
locate the frame buffer in memory devices accessible by the MEMC. For this purpose the TMPR3916
provides a bridge between system and video bus. In order to activate this bridge the SFB bit in Chip
Configuration Register (CCR) needs to be asserted. It has to be assured that the GDC is not accessing
SDRAM mapped memory in this case. In this mode, the system-performance is restricted by the higher
utilization of the system bus and the reduced throughput to the frame buffer memory devices.
The following figure shows the structure of the memory controller:
SDRAM
Controller
internal system-bus
interface
to devices
connected
to the
TMPR3916
MEMC
Video
to
System
Bus
Bridge
internal video-bus
Figure 2.1.1 Data Flow in Memory Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com