Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 117 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 117 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 113Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 114Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 115Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 116Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 117Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 118Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 119Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 120Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 121Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 225 page
background image
Chapter 6 Direct Memory Access Controller (DMAC)
Preliminary
6-4
6.1.3
Potential Problems
One of the following reasons can be responsible for an error:
•
The software has made invalid settings in the Operation Definition Register (ODR) or in the
Channel Control Register (CCR).
•
The software has defined an address in the Source or Destination Address Register (SAR or DAR)
that does not exist. The access to this address has caused a bus error.
•
Either the byte count, the source address or the destination address is not correctly aligned.
The DMA Controller sends an interrupt, when an error occurs.
These steps need to be executed in case of an error:
1.
Read the contents of the Channel Error Register (CER) to get the cause of the error.
2.
For details see the register description.
3.
Write 0x80 into the Channel Control Register (CCR).
4.
Write 0x00 into the Channel Status Register (CSR).
5.
Start the whole DMA programming procedure from the first point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com