Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMR03 Datasheet(PDF) 2 Page - Rohm

Part # PMR03
Description  Ultra low ohmic resistors for current detection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PMR03 Datasheet(HTML) 2 Page - Rohm

  PMR03 Datasheet HTML 1Page - Rohm PMR03 Datasheet HTML 2Page - Rohm PMR03 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMR03
Resistors
2/2
Dimensions(Unit : mm)
Part No.
Size code
LW
t
b
1.60
±0.15
0.80
±0.15
0.25
±0.15
0.35
±0.15
1608 (0603)
PMR03
L
W
t
bb
Product designation
Special part number
Packaging Specifications Code
Part No.
PM
0
R
Nominal resistance
EZP
Part No.
Resistance tolerance
J(
±5%)
Code
Embossed tape (4mm Pitch)
φ180mm (7inch)
Packaging specifications
Reel
5,000
Basic ordering unit (pcs)
Reel (
φ180) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
3
E Z P
J
U
Resistance tolerance
±5%
J
10m
Ω
U
PMR03
J
:
3 digits
Resistance
tolerance
Resistance value
Resistance
code
Resistance code, 3 or 4 digits.
10m
Ω
10L
IO L
Packaging
P0
P2
P1
E
F
W
T2
φD0
A0
B0
Base paper
(Bottom tape)
Components
Cavity
Top tape
8.0
±0.3
3.5
±0.05
1.75
±0.1
1.1
±0.1
1.9
±0.1
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ1.5 +0.1
0
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
C
AB
D
Label
AB
C
D
Reel
Taping
EIAJ ET-7200B compliant
(Unit : mm)
φ180
0
−1.5
φ60
+1
0
9
+1.0
0
φ13±0.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com