Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD600HTX65P4S Datasheet(PDF) 3 Page - StarPower Europe AG

Part # GD600HTX65P4S
Description  650V/600A 6 in one-package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD600HTX65P4S Datasheet(HTML) 3 Page - StarPower Europe AG

  GD600HTX65P4S Datasheet HTML 1Page - StarPower Europe AG GD600HTX65P4S Datasheet HTML 2Page - StarPower Europe AG GD600HTX65P4S Datasheet HTML 3Page - StarPower Europe AG GD600HTX65P4S Datasheet HTML 4Page - StarPower Europe AG GD600HTX65P4S Datasheet HTML 5Page - StarPower Europe AG GD600HTX65P4S Datasheet HTML 6Page - StarPower Europe AG GD600HTX65P4S Datasheet HTML 7Page - StarPower Europe AG GD600HTX65P4S Datasheet HTML 8Page - StarPower Europe AG GD600HTX65P4S Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
GD600HTX65P4S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
3/27/2018
3/10
Preliminary
IGBT Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=400A,VGE=15V,
Tj=25
oC
1.30
1.60
V
IC=400A,VGE=15V,
Tj=125
oC
1.35
IC=400A,VGE=15V,
Tj=150
oC
1.40
VGE(th)
Gate-Emitter Threshold
Voltage
IC=9.60mA,VCE=VGE,
Tj=25
oC
5.1
5.8
6.5
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tj=25
oC
1.0
mA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tj=25
oC
400
nA
RGint
Internal Gate Resistance
0.67
Ω
Cies
Input Capacitance
VCE=25V,f=1MHz,
VGE=0V
69.5
nF
Cres
Reverse Transfer
Capacitance
1.37
nF
QG
Gate Charge
VGE=-15﹍+15V
4.16
μC
td(on)
Turn-On Delay Time
VCC=300V,IC=400A,
RGon
=2.2Ω,R
Goff
=1.0Ω,
VGE=±15V,Tj=25
oC
72
ns
tr
Rise Time
64
ns
td(off)
Turn-Off Delay Time
350
ns
tf
Fall Time
23
ns
Eon
Turn-On Switching
Loss
7.10
mJ
Eoff
Turn-Off Switching
Loss
11.2
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=400A,
RGon
=2.2Ω,R
Goff
=1.0Ω,
VGE=±15V,Tj=125
oC
80
ns
tr
Rise Time
72
ns
td(off)
Turn-Off Delay Time
380
ns
tf
Fall Time
40
ns
Eon
Turn-On Switching
Loss
8.60
mJ
Eoff
Turn-Off Switching
Loss
14.1
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=400A,
RGon
=2.2Ω,R
Goff
=1.0Ω,
VGE=±15V,Tj=150
oC
81
ns
tr
Rise Time
73
ns
td(off)
Turn-Off Delay Time
385
ns
tf
Fall Time
48
ns
Eon
Turn-On Switching
Loss
9.20
mJ
Eoff
Turn-Off Switching
Loss
14.8
mJ
ISC
SC Data
tP
≤6μs,V
GE=15V,
Tj=150
oC,V
CC=360V,
VCEM
≤650V
3000
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com