Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD820HTA75P6HT Datasheet(PDF) 3 Page - StarPower Europe AG

Part # GD820HTA75P6HT
Description  750V/820A 6 in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD820HTA75P6HT Datasheet(HTML) 3 Page - StarPower Europe AG

  GD820HTA75P6HT Datasheet HTML 1Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 2Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 3Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 4Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 5Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 6Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 7Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 8Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GD820HTA75P6HT
IGBT Module
©2023 STARPOWER Semiconductor Ltd.
2/24/2023
3/11
Preliminary
IGBT Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=450A,VGE=15V,
Tj=25
oC
1.10
1.35
V
IC=450A,VGE=15V,
Tj=150
oC
1.15
IC=450A,VGE=15V,
Tj=175
oC
1.15
IC=820A,VGE=15V,
Tj=25
oC
1.30
IC=820A,VGE=15V,
Tj=175
oC
1.50
VGE(th)
Gate-Emitter Threshold
Voltage
IC=12.9mA,VCE=VGE,
Tj=25
oC
5.5
6.5
7.0
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tj=25
oC
1.0
mA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tj=25
oC
400
nA
RGint
Internal Gate Resistance
1.0
Ω
Cies
Input Capacitance
VCE=50V,f=100kHz,
VGE=0V
72.3
nF
Coes
Output Capacitance
1.51
nF
Cres
Reverse Transfer
Capacitance
0.32
nF
QG
Gate Charge
VCE =400V,IC =450A,
VGE=-15…+15V
4.77
μC
td(on)
Turn-On Delay Time
VCC=400V,IC=450A,
RG=2.4Ω,
VGE=-8V/+15V,
LS=24nH,
Tj=25
oC
315
ns
tr
Rise Time
61
ns
td(off)
Turn-Off Delay Time
729
ns
tf
Fall Time
70
ns
Eon
Turn-On Switching
Loss
12.4
mJ
Eoff
Turn-Off Switching
Loss
18.3
mJ
td(on)
Turn-On Delay Time
VCC=400V,IC=450A,
RG=2.4Ω,
VGE=-8V/+15V,
LS=24nH,
Tj=150
oC
338
ns
tr
Rise Time
74
ns
td(off)
Turn-Off Delay Time
826
ns
tf
Fall Time
151
ns
Eon
Turn-On Switching
Loss
20.7
mJ
Eoff
Turn-Off Switching
Loss
25.3
mJ
td(on)
Turn-On Delay Time
VCC=400V,IC=450A,
RG=2.4Ω,
VGE=-8V/+15V,
LS=24nH,
Tj=175
oC
343
ns
tr
Rise Time
77
ns
td(off)
Turn-Off Delay Time
846
ns
tf
Fall Time
171
ns
Eon
Turn-On Switching
Loss
25.0
mJ
Eoff
Turn-Off Switching
Loss
27.3
mJ
ISC
SC Data
tP≤6μs,VGE=15V,
Tj=25
oC,VCC=400V,
VCEM≤750V
4500
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com