Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD820HTX75P6HB Datasheet(PDF) 10 Page - StarPower Europe AG

Part # GD820HTX75P6HB
Description  750V/820A 6 in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD820HTX75P6HB Datasheet(HTML) 10 Page - StarPower Europe AG

Back Button GD820HTX75P6HB Datasheet HTML 3Page - StarPower Europe AG GD820HTX75P6HB Datasheet HTML 4Page - StarPower Europe AG GD820HTX75P6HB Datasheet HTML 5Page - StarPower Europe AG GD820HTX75P6HB Datasheet HTML 6Page - StarPower Europe AG GD820HTX75P6HB Datasheet HTML 7Page - StarPower Europe AG GD820HTX75P6HB Datasheet HTML 8Page - StarPower Europe AG GD820HTX75P6HB Datasheet HTML 9Page - StarPower Europe AG GD820HTX75P6HB Datasheet HTML 10Page - StarPower Europe AG GD820HTX75P6HB Datasheet HTML 11Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GD820HTX75P6HB
IGBT Module
©2022 STARPOWER Semiconductor Ltd.
3/31/2022
10/11
B07
Circuit Schematic
W
V
U
G6
G4
G2
G5
G3
G1
E4
E2
E6
E5
E3
E1
P3
P2
P1
N3
N2
N1
C5
C6
C3
C4
C1
C2
T3
T4
T1
T2
T5
T6
Package Dimensions
Dimensions in Millimeters
φ
φ
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com