Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD820HTX75P6HFB Datasheet(PDF) 8 Page - StarPower Europe AG

Part # GD820HTX75P6HFB
Description  750V/820A 6 in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD820HTX75P6HFB Datasheet(HTML) 8 Page - StarPower Europe AG

Back Button GD820HTX75P6HFB Datasheet HTML 3Page - StarPower Europe AG GD820HTX75P6HFB Datasheet HTML 4Page - StarPower Europe AG GD820HTX75P6HFB Datasheet HTML 5Page - StarPower Europe AG GD820HTX75P6HFB Datasheet HTML 6Page - StarPower Europe AG GD820HTX75P6HFB Datasheet HTML 7Page - StarPower Europe AG GD820HTX75P6HFB Datasheet HTML 8Page - StarPower Europe AG GD820HTX75P6HFB Datasheet HTML 9Page - StarPower Europe AG GD820HTX75P6HFB Datasheet HTML 10Page - StarPower Europe AG GD820HTX75P6HFB Datasheet HTML 11Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
GD820HTX75P6HFB
IGBT Module
©2022 STARPOWER Semiconductor Ltd.
4/11/2022
8/11
B02
Fig 9. Diode Forward Characteristics
Fig 10. Diode Switching Loss vs. IF
Fig 11. Diode Switching Loss vs. RG
Fig 12. Diode Transient Thermal Impedance
0
200
400
600
800
1000
1200
1400
1600
0
0.4
0.8
1.2
1.6
2
2.4
V
F [V]
Tj=25℃
Tj=150℃
Tj=175℃
0
3
6
9
12
15
0
150
300
450
600
750
900
I
F [A]
Erec Tj=150℃
Erec Tj=175℃
V
CC=400V
R
G=2.4Ω
V
GE=-8V
0
2
4
6
8
10
12
0
3
6
9
12
15
18
21
24
R
G [Ω]
Erec Tj=150℃
Erec Tj=175℃
V
CC=400V
I
F=450A
V
GE=-8V
0.01
0.1
1
0.001
0.01
0.1
1
10
t [s]
Diode
i:
1
2
3
4
r
i[K/W]:
0.0150 0.1000 0.0650 0.0200
τ
i[s]:
0.0010 0.0300 0.2500 1.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com