Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD820HTX75P6HL Datasheet(PDF) 9 Page - StarPower Europe AG

Part # GD820HTX75P6HL
Description  750V/820A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD820HTX75P6HL Datasheet(HTML) 9 Page - StarPower Europe AG

  GD820HTX75P6HL Datasheet HTML 1Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 2Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 3Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 4Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 5Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 6Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 7Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 8Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
GD820HTX75P6HL
IGBT Module
©2019 STARPOWER Semiconductor Ltd.
7/24/2019
9/9
Terms and Conditions of Usage
The data contained in this product datasheet is exclusively intended for technically trained
staff. you and your technical departments will have to evaluate the suitability of the product
for the intended application and the completeness of the product data with respect to such
application.
This product data sheet is describing the characteristics of this product for which a warranty is
granted. Any such warranty is granted exclusively pursuant the terms and conditions of the
supply agreement. There will be no guarantee of any kind for the product and its
characteristics.
Should you require product information in excess of the data given in this product data sheet
or which concerns the specific application of our product, please contact the sales office,
which is responsible for you (see www.powersemi.cc), For those that are specifically
interested we may provide application notes.
Due to technical requirements our product may contain dangerous substances. For
information on the types in question please contact the sales office, which is responsible for
you.
Should you intend to use the Product in aviation applications, in health or live endangering or
life support applications, please notify.
If and to the extent necessary, please forward equivalent notices to your customers.
Changes of this product data sheet are reserved.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com