Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3112ESA Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX3112ESA
Description  PWM Control 3A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3112ESA Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX3112ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3112ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3112ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3112ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3112ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3112ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3112ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3112ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3112ESA Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Oct.09, 2019
AX3112/A
FUNCTION DESCRIPTIONS
SENSE1/2
The current limit sense pin, if VSENSE1-VSENSE2≧125mV, the over current is happened
that it can turn-off driver cycle by cycle.
EN/CT
The pin is enable/shutdown and auto restart control functions. When system is
normal operating, this pin is enable/shutdown function. Pulling this pin below a threshold
voltage of under 0.3V shuts the regulator off, and pulling this pin from 0.5V to 1.5V turns
the regulator on. However when VOUT is short (VFB<0.4V), the auto restart function can be
started that restart the regulator cycle by cycle. The cycle time is set by outside capacitor
(C6). Please refer the below waveform and formula, the t2 cycle is regulator off time and t1
cycle is current limit time. The charge-current is 32uA and discharge-current is 1.5uA.
VEN/CT
Time
t1
t2
Time
Iin (A)
0.5V
1.5V
0
Current Limit
.)
Sec
(
u
5
.
1
1
×
6
C
=
2
t
.)
Sec
(
u
32
1
×
6
C
=
1
t
Under Voltage Lockout (UVLO)
To avoid error-operation of the device at low input voltages an under voltage lockout
is included that disables the device, if the input voltage falls below 6.0V.
Current Limit Protection
The Current limit is set by outside resistance (RSENSE), When the SENSE1-SENSE2
voltage larger than 125mV, the current limit is happened that driver can be turned off until
the drop is small than 80mV. The current limit set according to the following equation:
SENSE
xR
2
m
)
45
-
125
(
+
m
125
=
(A)
Limit
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com