Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NG8QN Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NG8QN
Description  NHG RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG8QN Datasheet(HTML) 2 Page - DB Lectro Inc

  NG8QN Datasheet HTML 1Page - DB Lectro Inc NG8QN Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Small size, light weight.
Low coil consumption.
PC board mounting.
Suitable for household electrical appliances, automobile system, window,wipe motor ,hours, doorlock.
Ordering Information
NG8QN C
S
10 DC12V 0.69
1
2
3
4
5
6
1 Part number
NG8QN NG8QW
2 Contact arrangement
C:1C
U:IU
NG8QW
2C:2C,2U:2U
3 Enclosure
S: Sealed type
NIL: Dust cover
4 Contact rating
10A,20A/14VDC
5 Coil rated voltage(V)
DC:12
6 Coil power consumption
0.69:0.69W
Contact Data
Contact Arrangement
1C SPDT(B-M)
,1U
SPSTNODM
,2C
DPDT
,2U
DPSTNODM
Contact Material
AgCdO AgSnO
2
Contact Rating (resistive)
10A, 20A/14VDC
inrush current 30A (L/R=7mS; 15mS max)
Max. Switching Power
150W
Max. Switching Voltage
16VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
100m
Item 3.12 of IEC255-7
250mV(at10A)
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(61%of rated
voltage )
Release
voltage
VDC(min)
(7.5% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Coil Parameter
NG8QN&NG8QW
012-690
12
16
210
7.3
9.0(at 80
)
0.9
0.69
10
5
Features
16.0
12.5
14.4
16.0
25.5
14.4
Operation condition
Insulation Resistance
20M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 500V
Item 6 of IEC255-5
Between contact and coil
50Hz 500V
Item 6 of IEC255-5
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Mounting (Bottom view)
Dimensions
Wiring diagram(Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Dimensions
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~105
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
5.5g
NG8QN&NG8QW
16max.
1.6
NG8QN
12.5max..
5-1.1
0.4
16max.
1.6
10-1.1
0.4
25.5max.
1.5
4- 1.3
2.5
10.2
2- 1.5
8- 1.3
2.5
10.2
NG8QW
0.051
0.059
0.401
0.098
0.492max..
0.039
0.016
0.630max.
0.062
1.004max,
0.630max.
0.062
0.039
0.016
0.051
0.059
0.401
0.098
mm /inch
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com