Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB20NM60D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB20NM60D
Description  N-channel 600V - 0.26廓 - 20A - D2PAK FDmesh??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM60D Datasheet(HTML) 3 Page - STMicroelectronics

  STB20NM60D Datasheet HTML 1Page - STMicroelectronics STB20NM60D Datasheet HTML 2Page - STMicroelectronics STB20NM60D Datasheet HTML 3Page - STMicroelectronics STB20NM60D Datasheet HTML 4Page - STMicroelectronics STB20NM60D Datasheet HTML 5Page - STMicroelectronics STB20NM60D Datasheet HTML 6Page - STMicroelectronics STB20NM60D Datasheet HTML 7Page - STMicroelectronics STB20NM60D Datasheet HTML 8Page - STMicroelectronics STB20NM60D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STB20NM60D
Electrical ratings
3/13
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
600
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
20
A
ID
Drain current (continuous) at TC = 100°C
12.6
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
80
A
PTOT
Total dissipation at TC = 25°C
192
W
Derating factor
1.20
W/°C
dv/dt (2)
2.
ISD < 20A, di/dt < 400A/µs, VDD = 80%V(BR)DSS
Peak diode recovery voltage slope
20
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
– 65 to 150
°C
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case Max
0.65
°C/W
Rthj-amb Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche data
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
10
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 35 V)
700
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com