Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARC Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # ARC
Description  Duplexor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

ARC Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  ARC Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
211
Diversified Electronics
800.727.5646
atcdiversified.com
Duplexor
E55826
The ARC/ARD Series is a duplexor that detects input of float switch inputs and
determines outputs to turn on with line voltage. As the lag and lead switches
open, the loads remain energized. When all switches open both loads
de-energize simultaneously and the lead load alternates. The ARD series has a
3 position selector switch to lock it into normal duplexing action, 1-2 sequence
or 2-1 sequence.
Sequence On-Simultaneous Off (SOSO)
CONTROL VOLTAGE 120 VAC +10/-20 %
POWER REQUIRED
Less than 3 VAC
DUTY CYCLE
Continuous
LIFE EXPECTANCY
Mechanical 10,000,000 Operations (Minimum)
Electrical
100,000 Operations @ Rated Load
INDICATORS
LED Shows Output Position
TEMPERATURES
Operate
32 to 149°F (0 to 65°C)
RATING
Storage
-40° to 185°F (-40° to +85°C)
CONTACT RATING
5 Amps Resistive @ 120 VAC (Single Output)
1/6 hp @ 120 VAC (Single Output)
10 Amps Res. @ 120 VAC (Combined Output)
1/3 hp @ 120 VAC (Combined Output)
ENCLOSURE
“A” Lexan® Dust Cover
TERMINATIONS
Industrial Plug-in
WEIGHT
6.4 oz.
MODEL NUMBER
A
A
UL STATUS
UL Recognized
R
UL Listed (0T08 socket) U
TYPE OF ALTERNATING RELAY
Standard Duplexor
C
Special Function Duplexor
D
CONTROL VOLTAGE
120 VAC
120
TYPE OF VOLTAGE
VAC
A
CONTACT CONFIGURATION
SPDT Two Line Voltage Outputs
(Crosswired)
A
ENCLOSURE STYLE
A
ORDER
AUC120AAU and AUD120AAU which includes
socket OT08 as UL listed Unit
MODEL NUMBER
SPECIFICATIONS
DIMENSIONS (INCHES)
WIRING
L
N
INPUT
VOLTAGE
STOP
LAG
LEAD
LOAD
2
4
5
8
1
6
7
2
3
LOAD
1
ARC/AUC
ARD/AUD
Diversified Electronics
800.727.5646
atcdiversified.com


Similar Part No. - ARC

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
ARC-1 MERRIMAC-ARC-1 Datasheet
247Kb / 2P
VARIABLE ATTENUATORS, MANUAL
logo
BCM Advanced Research.
ARC-1209-B BCM-ARC-1209-B Datasheet
489Kb / 2P
12.1” Intel® Celeron® SoC Processors J1900 Fanless Rugged PCAP Touch Panel PC with IET Expansion
7/31/2018
ARC-1209-B-J1900 BCM-ARC-1209-B-J1900 Datasheet
489Kb / 2P
12.1” Intel® Celeron® SoC Processors J1900 Fanless Rugged PCAP Touch Panel PC with IET Expansion
7/31/2018
ARC-1232-B BCM-ARC-1232-B Datasheet
489Kb / 2P
12.1” 6th Gen Intel® ULT Core™ Processor i7/i5/i3 Fanless Rugged Touch Panel PC with IET Expansion
7/31/2018
ARC-1232-B-6300U BCM-ARC-1232-B-6300U Datasheet
489Kb / 2P
12.1” 6th Gen Intel® ULT Core™ Processor i7/i5/i3 Fanless Rugged Touch Panel PC with IET Expansion
7/31/2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com