Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SENSERTBASEUNIT Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # SENSERTBASEUNIT
Description  SENSERT Base Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SENSERTBASEUNIT Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  SENSERTBASEUNIT Datasheet HTML 1Page - Automatic Timing & Controls, Inc. SENSERTBASEUNIT Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5
SENSERT Base Unit
FEATURES
• Sensor Monitoring
• Real-Time Alerts
• Android/iOS
• Cloud Based Data
• Hardwire and Wireless
Sensor Compatibility
• Up to 5 Remote I/O's can
be linked to a single
Base Unit
SENSERT™ is a remote process monitoring and alert
system. A variety of sensors, such as temperature,
humidity, vibration, and pressure, can be hardwired
directly to the SENSERT Base Unit or wirelessly con-
nected via the SENSERT Remote I/O. Sensor data is
monitored in real-time and alerts are triggered based
upon customizable thresholds.
sensertio.com
800.727.5646
atcdiversified.com
sensertio.com
800.727.5646
atcdiversified.com
ORDERING INFORMATION
SPECIFICATIONS
POWER SUPPLY
9-30 VDC
ANALOG INPUTS
4 - 0-20 mA, 4-20 mA, 0-5 V, 0-10V
DIGITAL INPUTS
2 - Dry Contact or NPN Type
DIGITAL OUTPUT
1 - Relay (240 VAC, 5A)
INTERNAL
Temperature and Humidity
MEASUREMENTS
ANALOG CHANNEL
mA: 200 ohm
IMPEDANCE
V: 1M ohm
DIGITAL INPUTS
TYPE
Dry Contact or NPN Type
LOGIC LEVELS
Logical Level "0" : From 0 to 0.5 VDC
Logical Level "1" : From 3 to 30 VDC
MAXIMUM VOLTAGE
12 VDC
INPUT IMPEDANCE
500k ohm
INPUT CURRENT
2mA
@ 12 VDC (TYPICAL)
MAXIMUM FREQUENCY Dry Contact: 500 Hz
(SQUARE WAVE)
NPN: 500 Hz
MINIMUM PULSE
Dry Contact: 2 ms
DURATION
NPN: 2 ms
RESOLUTION
4096 (12 bit ADC)
REPORT INTERVAL
Configurable
DATA
As frequent as every 30 seconds
ALERTS
Configurable through the SENSERT
Mobile App or Web Portal.
Each channel can be configured for a
high or low threshold value as well
as custom alerts.
OPERATION TEMP
-4 to 131°F (-20 to 55°C)
ACCURACY
1% for all inputs, 2% for internal
measurements
COMMUNICATION
RS485 [FUTURE DEVELOPMENT]
DISTANCE
The Remote I/O can communicate up
to 100m away (line-of-sight).
Exact communication distance will be
affected by objects between the
Base Unit and Remote I/O and any
outside wireless interference.


Similar Part No. - SENSERTBASEUNIT

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
SENSERTREMOTEI/O ATC-SENSERTREMOTEI/O Datasheet
534Kb / 2P
SENSERT Remote I/O
SENSERTREMOTEIO ATC-SENSERTREMOTEIO Datasheet
534Kb / 2P
SENSERT Remote I/O
More results

Similar Description - SENSERTBASEUNIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K8006 ETC2-K8006 Datasheet
499Kb / 16P
BASE UNIT for HOME MODULAR LIGHT SYSTEM
logo
Bothhand USA, LP.
EBU-101GLF BOTHHAND-EBU-101GLF Datasheet
215Kb / 2P
Gigabit & High Power Base Unit for PoE
logo
PHOENIX CONTACT
2701289 PHOENIX-2701289 Datasheet
42Kb / 2P
Replacement cover for slot 1 in base unit.
2701357 PHOENIX-2701357 Datasheet
43Kb / 2P
Card to simulate inputs on an Nanoline base unit
2701360 PHOENIX-2701360 Datasheet
43Kb / 2P
Card to simulate transistor outputs on a Nanoline base unit
2701373 PHOENIX-2701373 Datasheet
43Kb / 2P
Card to simulate resistor outputs on a Nanoline base unit
logo
Schneider Electric
HMIG3UFC SCHNEIDER-HMIG3UFC Datasheet
136Kb / 4P
Base unit, Harmony GTU, Premium BOX for Universal Panel
Sep 20, 2021
HMIG5U2 SCHNEIDER-HMIG5U2 Datasheet
172Kb / 4P
Base unit, Harmony GTU, Open BOX for Universal Panel
Sep 13, 2021
HMIG2U SCHNEIDER-HMIG2U Datasheet
145Kb / 4P
Base unit, Harmony GTU, Standard Box for Universal Panel
Apr 27, 2022
HMIG3XFH SCHNEIDER-HMIG3XFH Datasheet
115Kb / 3P
Base unit, Harmony GTUX, Serie eXtreme Box full Coated
May 2, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com