Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAA110AT Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # KAA110AT
Description  Medium Power Plug-In Relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

KAA110AT Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  KAA110AT Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
135
SPECIFICATIONS
Medium Power Plug-In Relays
WIRING
• Low Cost
• Rugged Design
• 10 Amp Output
• High Reliability
CONTROL VOLTAGE
12 to 240 VAC
12 to 110 VDC, See Table 1
PICK UP VOLTAGE
AC Coils | 80% of Nominal
DC Coils | 80% of Nominal
DROP OUT VOLTAGE
AC Coils | 30% of Nominal
DC Coils | 10% of Nominal
MAXIMUM VOLTAGE
110% of Nominal
RESPONSE TIMES
Pick-up | 30 mSEC, maximum
Drop-out | 20 mSEC, maximum
TEMPERATURE
Operate |-10°C to +40°C
RATING
Storage |-45°C to +85°C
POWER (NOMINAL
AC Coils |2.1 VA
VOLTAGE)
DC Coils |1.2 Watts
DUTY CYCLE
Continuous
DIELECTRIC STRENGTH
1500 VAC, 50/60 Hz. for 1 minute
INSULATION RESISTANCE
100 Meg ohms, minimum
CONTACT MATERIAL
Silver cadmium oxide
CONTACT
DPDT | 8-pin plug-in
ARRANGEMENTS
3PDT | 11-pin plug-in
OUTPUT RATINGS
See Table 2
AGENCY APPROVALS
Consult Factory
WEIGHT
3 oz.
• 8 pin or 11 pin Track Mountable Plug-in Base
• DPDT & 3PDT Arrangements
• 12, 24, 120, & 240 volts operation
DIMENSIONS (INCHES)
COIL RATINGS (TABLE 1)
Nominal Voltage
Rated current (mA)
Coil resistance
(ohms)
50 Hz
60 Hz
AC
12
199
168
--
24
99
84
120
20.5
17.5
240
10.2
8.8
DC
12
100
120
24
51
472
110
11.5
10,000
OUTPUT CONTACT RATINGS (TABLE 2)
Specifications
Resistive
load
(p.f. = 1)
Inductive load
(p.f. = 0.4; L/R = 7msec)
Rated load
230 VAC 10A
28 VDC 10A
230 VAC 6A
28 VDC 7.5A
Carry current
10A
Max. operating voltage
250 VAC 250 VDC
Max. operating current
10A
Max. switching capacity
2300VA
280W
1400VA
210W
Minimum permissable load
5 VDC 100mA
MODEL NUMBER
KAA
X
COIL VOLTAGE
12 Volts
12
24 Volts
24
110 Volts
110
120 Volts
120
240 Volts (AC Only)
240
TYPE OF VOLTAGE
AC
A
DC
D
CONTACT ARRANGEMENT
DPDT
D
3PDT
T
Automatic Timing & Controls
800.727.5646
atcdiversified.com
TOP
CONTROL VOLTAGE
DPDT ARRANGEMENT
CONTROL VOLTAGE
3PDT ARRANGEMENT
SOCKET
CAT. NO. PF083A
(8 PIN)
CAT. NO. PF113A
(11 PIN)


Similar Part No. - KAA110AT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KAA1H SCHNEIDER-KAA1H Datasheet
138Kb / 2P
operating head for cam switch - 횠 29 mm - black handle
Feb 10, 2022
KAA1S SCHNEIDER-KAA1S Datasheet
124Kb / 2P
operating head for cam switch - black plastic bezel 횠 29 mm - key - hole 횠 22 mm
Feb 10, 2022
More results

Similar Description - KAA110AT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
Plug-In Relays Mini 280 Relays
logo
Allen-Bradley
700-HR ALLEN-BRADLEY-700-HR Datasheet
1Mb / 14P
Plug-in Timing Relays
logo
ZETTLER Electronics
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
Miniature plug-in power relays
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
Miniature plug-in power relays
R15101223 ZETTLER-R15101223 Datasheet
505Kb / 5P
Plug-in power relays
RUC101225 ZETTLER-RUC101225 Datasheet
533Kb / 4P
Plug-in power relays
RY2101226 ZETTLER-RY2101226 Datasheet
435Kb / 4P
Plug-in power relays
logo
OEN India Limited
72A-24-130-500 OENINDIA-72A-24-130-500 Datasheet
125Kb / 1P
MEDIUM POWER INDUSTRIAL RELAYS
logo
Tyco Electronics
13801 MACOM-13801 Datasheet
428Kb / 6P
Plug-in relays Mini ISO relays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com