| Electronic Components Datasheet Search |
|
TMP93CS44 Datasheet(PDF) 67 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS44 Datasheet(HTML) 67 Page - Toshiba Semiconductor |
|
67 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-65 3.5.6 Port 5 (P50 to P57) Port 5 is an 8-bit input port, also used as an analog input pin for the internal AD converter. Additionally, P53 is also used as an analog conversion external trigger input pin ( ADTRG ). Figure 3.5.13 Port 5 Port 5 Register 7 6 5 4 3 2 1 0 Bit symbol P57 P56 P55 P54 P53 P52 P51 P50 P5 (000DH) Read/Write R After reset Input mode Figure 3.5.14 Register for Port 5 Note: The input channel selection of AD converter is set by AD converter mode register ADMOD1. ADTRG AD read Port 5 P50 to P52 (AN0 to AN2) P53 (AN3/ ADTRG ) P54 to P57 (AN4 to AN7) Conversion result register Channel selector Port 5 read AD converter Only for P53 function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |