Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS44 Datasheet(PDF) 123 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 123 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 121Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 124Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 125Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 127Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-121
3.9
Serial Channel
TMP93CS44/TMP93CS45 contains 2 serial I/O channels for full duplex asynchronous
transmission (UART) as well as for I/O extension.
The serial channel has the following operation modes.
I/O interface mode
Mode 0: To transmit and receive I/O data using
the synchronizing signal SCLK for
extending I/O.
UART mode
Mode 1: 7-bit data
Mode 2: 8-bit data
Mode 3: 9-bit data
In mode 1 and mode 2, a parity bit can be added. Mode 3 has wakeup function for making the
master controller start slave controllers in serial link (Multi-controller system).
Figure 3.9.1 shows the data format (for one frame) in each mode.
Serial channel 0 and 1 can be used independently.
Figure 3.9.1 Data Formats
(Channel 0 and 1)
(Channel 0 and 1)
Bit0
1
2
3
4
5
6
7
Bit0
1
2
3
4
5
6Stop
Start
Bit0
1
2
3
4
5
Parity Stop
Start
6
Bit0
1
2
3
4
5
7
Stop
Start
Bit0
1
2
3
4
5
Parity Stop
Start
7
6
6
Bit0
1
2
3
4
5
8
Stop
Start
Bit0
1
2
3
4
5
Stop (Wakeup)
Start
Bit8
6
6
7
7
Transfer direction
• Mode 0 (I/O interface mode)
• Mode 1 (7-bit UART mode)
No parity
Parity
No parity
Parity
• Mode 2 (8-bit UART mode)
• Mode 3 (9-bit UART mode)
When bit8
= 1, address (Select code) is denoted.
When bit8
= 0, data is denoted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More